Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6431A Datasheet(PDF) 9 Page - Microsemi Corporation

Part # 6431A
Description  PRECISION PROGRAMMABLE REFERENCES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

6431A Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button 6431A Datasheet HTML 3Page - Microsemi Corporation 6431A Datasheet HTML 4Page - Microsemi Corporation 6431A Datasheet HTML 5Page - Microsemi Corporation 6431A Datasheet HTML 6Page - Microsemi Corporation 6431A Datasheet HTML 7Page - Microsemi Corporation 6431A Datasheet HTML 8Page - Microsemi Corporation 6431A Datasheet HTML 9Page - Microsemi Corporation 6431A Datasheet HTML 10Page - Microsemi Corporation 6431A Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
LX6431/LX6431A/LX6431B
PRODUCT DA T ABOOK 1996/1997
9
Copyright © 1999
Rev. 1.a
P RODUCTION D AT A S HEET
TYPICAL CHARACTERISTICS
-5
-6
(t) Time - (s)
5
-3
0
2
4
68
1
2
-2
-1
3
f = 0.1 to 10Hz
I
K = 10mA
T
A = 25°C
-4
0
4
10
6
FIGURE 12. — EQUIVALENT INPUT NOISE VOLTAGE OVER A 10-SECOND PERIOD
19.1V
1k
W
910
W
2000µF
LX6431
(DUT)
2000µF
820
W
16
W
500µF
0.1µF
16k
W
16k
W
1µF
V
CC
V
EE
TLE2027
A
V = 10V/mV
1µF
33k
W
33k
W
V
EE
V
CC
TLE2027
2.2µF
CRO
1M
W
A
V = 2V/V
Test Circuit for 0.1Hz to 10Hz Equivalent Input Noise Voltage


Similar Part No. - 6431A

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6431.0051.10 SCHURTER-6431.0051.10 Datasheet
662Kb / 5P
   IEC Appliance Inlet C14 with modular extended Components
6431.0051.10 SCHURTER-6431.0051.10 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
6431.0051.12 SCHURTER-6431.0051.12 Datasheet
662Kb / 5P
   IEC Appliance Inlet C14 with modular extended Components
6431.0051.12 SCHURTER-6431.0051.12 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
6431.0051.15 SCHURTER-6431.0051.15 Datasheet
662Kb / 5P
   IEC Appliance Inlet C14 with modular extended Components
More results

Similar Description - 6431A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com