Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX6431 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX6431
Description  PRECISION PROGRAMMABLE REFERENCES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX6431 Datasheet(HTML) 5 Page - Microsemi Corporation

  LX6431 Datasheet HTML 1Page - Microsemi Corporation LX6431 Datasheet HTML 2Page - Microsemi Corporation LX6431 Datasheet HTML 3Page - Microsemi Corporation LX6431 Datasheet HTML 4Page - Microsemi Corporation LX6431 Datasheet HTML 5Page - Microsemi Corporation LX6431 Datasheet HTML 6Page - Microsemi Corporation LX6431 Datasheet HTML 7Page - Microsemi Corporation LX6431 Datasheet HTML 8Page - Microsemi Corporation LX6431 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
LX6431/LX6431A/LX6431B
PRODUCT DA T ABOOK 1996/1997
5
Copyright © 1999
Rev. 1.4a
P RODUCTION D AT A S HEET
CHARACTERISTIC CUR VES
FIGURE 2. — REFERENCE CURRENT
vs. FREE-AIR TEMPERATURE
FIGURE 3. — CATHODE CURRENT vs. CATHODE VOLTAGE
FIGURE 4. — OFF-STATE CATHODE CURRENT
vs. FREE-AIR TEMPERATURE
FIGURE 1. — REFERENCE VOLTAGE
vs. FREE-AIR TEMPERATURE
0.11
0.1
(T
A)
Ambient Temperature - (°C)
0.15
0.12
-50
-25
0
25
50
75
100
125
0.13
I
K = 10mA
R1 = 10k
W
0.14
2.49
2.48
(T
A)
Ambient Temperature - (°C)
2.52
2.50
-50
-25
0
25
50
75
100
125
2.51
V
REF = VKA
I
K = 10mA
0
-200
(V
KA)
Cathode Voltage - (V)
800
200
-2
-1
0
1
23
4
400
V
KA = VREF
T
A = 25°C
600
0.2
0
(T
A)
Ambient Temperature - (°C)
0.8
0.4
-50
-25
0
25
50
75
100
125
0.6
V
KA = 36V
V
REF = 0
0.1
0.3
0.5
0.7


Similar Part No. - LX6431

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6431 MICROSEMI-LX6431 Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431A MICROSEMI-LX6431A Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431ACDM MICROSEMI-LX6431ACDM Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431ACLP MICROSEMI-LX6431ACLP Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
LX6431AIDM MICROSEMI-LX6431AIDM Datasheet
155Kb / 11P
   PRECISION PROGRAMMABLE REFERENCES
More results

Similar Description - LX6431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431 ONSEMI-NCP431 Datasheet
377Kb / 17P
   Programmable Precision References
June, 2016 ??Rev. 14
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com