Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX5503LQ-TR Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX5503LQ-TR
Description  InGaP HBT 5-6GHz Power Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5503LQ-TR Datasheet(HTML) 2 Page - Microsemi Corporation

  LX5503LQ-TR Datasheet HTML 1Page - Microsemi Corporation LX5503LQ-TR Datasheet HTML 2Page - Microsemi Corporation LX5503LQ-TR Datasheet HTML 3Page - Microsemi Corporation LX5503LQ-TR Datasheet HTML 4Page - Microsemi Corporation LX5503LQ-TR Datasheet HTML 5Page - Microsemi Corporation LX5503LQ-TR Datasheet HTML 6Page - Microsemi Corporation LX5503LQ-TR Datasheet HTML 7Page - Microsemi Corporation LX5503LQ-TR Datasheet HTML 8Page - Microsemi Corporation LX5503LQ-TR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LX5503
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
InGaP HBT 5-6GHz Power Amplifier
Copyright
© 2000
Rev. 1.2d, 8/18/2005
TM
®
ABSOLUTE MAXIMUM RATINGS
DC Supply Voltage, RF off ...............................................................................6V
Collector Current ........................................................................................500mA
Total Power Dissipation................................................................................... 3 W
RF Input Power ........................................................................................... 10dBm
Operation Ambient Temperature ....................................................... -40 to +85
oC
Storage Temperature........................................................................ -65 to +150
oC
Peak Package Solder Reflow Temp (40 seconds maximum exposure) .......... 260°C (+0,-5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
PACKAGE PIN OUT
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16
LQ PACKAGE
(Bottom View)
RoHS / Pb-free 100% Matte Tin Lead Finish
FUNCTIONAL PIN DESCRIPTION
Pin Name
Pin Number
Description
RF IN
2, 3
RF input for the power amplifier. This pin is DC-shorted to GND but AC-coupled to the transistor
base of the first stage. For 5.15-5.35GHz this pin is pre-matched to 50
Ω.
Vb1
6
Bias current control voltage for the first stage.
Vb2
7
Bias current control voltage for the second stage. The VB2 pin can be connected with the first
stage control voltage (VB1) into a single reference voltage (referred to as Vref) through an
external resistor bridge(R1/R2).
Vcc
9
Supply voltage for the bias reference and control circuits. The VCC feed line should be
terminated with a 1
μF bypass capacitor as close to the device as possible. This pin can be
combined with both VC1 and VC2 pins, resulting in a single supply voltage (referred to as Vc).
RF OUT
10, 11
RF output for the power amplifier. This pin is AC-coupled and does not require a DC-blocking
capacitor.
Vc1
15
Power supply for first stage amplifier. The VC1 feedline should be terminated with a 220pF
bypass capacitor as close to the device as possible, followed by a 1
μF bypass capacitor at the
supply side. This pin can be combined with VC2 and VCC pins, resulting in a single supply
voltage (referred to as Vc).
Vc2
14
Power supply for second stage amplifier. The VC2 feedline should be terminated with a 220pF
bypass capacitor as close to the device as possible, followed by a 1
μF bypass capacitor at the
supply side. This pin can be combined with VC1 and VCC pins, resulting in a single supply
voltage (referred to as Vc).
GND
The center metal base of the MLP package provides both DC and RF ground as well as heat
sink for the power amplifier.


Similar Part No. - LX5503LQ-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5503 MICROSEMI-LX5503 Datasheet
473Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
LX5503-LQ MICROSEMI-LX5503-LQ Datasheet
473Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
LX5503E MICROSEMI-LX5503E Datasheet
239Kb / 9P
   InGaP HBT 4 - 6GHz Power Amplifier
LX5503ELQ MICROSEMI-LX5503ELQ Datasheet
239Kb / 9P
   InGaP HBT 4 - 6GHz Power Amplifier
More results

Similar Description - LX5503LQ-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5503 MICROSEMI-LX5503 Datasheet
473Kb / 13P
   InGaP HBT 5-6GHz Power Amplifier
LX5503E MICROSEMI-LX5503E Datasheet
239Kb / 9P
   InGaP HBT 4 - 6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M_09 Datasheet
74Kb / 2P
   InGaP HBT 4.5 ??6GHz Power Amplifier
LX5506E MICROSEMI-LX5506E Datasheet
326Kb / 7P
   InGaP HBT 4 - 6GHz Power Amplifier
LX5506B MICROSEMI-LX5506B Datasheet
200Kb / 7P
   InGaP HBT 4 6GHz Power Amplifier
LX5506M MICROSEMI-LX5506M Datasheet
71Kb / 2P
   InGaP HBT 4.5 - 6GHz Power Amplifier
LX5506 MICROSEMI-LX5506 Datasheet
506Kb / 10P
   InGaP HBT 4.5 - 6GHz Power Amplifier
logo
RF Micro Devices
SBB-4000 RFMD-SBB-4000 Datasheet
199Kb / 6P
   0.05GHZ TO 6GHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-5000 RFMD-SBB-5000 Datasheet
201Kb / 6P
   0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5000 RFMD-SBB5000 Datasheet
155Kb / 6P
   0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com