Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX5255CPW-TR Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX5255CPW-TR
Description  9-Line LVD SCSI Terminator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX5255CPW-TR Datasheet(HTML) 2 Page - Microsemi Corporation

  LX5255CPW-TR Datasheet HTML 1Page - Microsemi Corporation LX5255CPW-TR Datasheet HTML 2Page - Microsemi Corporation LX5255CPW-TR Datasheet HTML 3Page - Microsemi Corporation LX5255CPW-TR Datasheet HTML 4Page - Microsemi Corporation LX5255CPW-TR Datasheet HTML 5Page - Microsemi Corporation LX5255CPW-TR Datasheet HTML 6Page - Microsemi Corporation LX5255CPW-TR Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 1.1, 2006-02-27
LX5255
9-Line LVD SCSI Terminator
PRODUCTION DATA SHEET
TM
®
ABSOLUTE MAXIMUM RATINGS
Term Power (VTERM)............................................................................................-0.3V to 7V
Signal Line Voltage .............................................................................................-0.3V to 7V
Differential Voltage .............................................................................................-0.3V to 7V
Operating Junction Temperature.................................................................................. 150
°C
Storage Temperature Range...........................................................................-65
°C to 150°C
Peak Package Solder Reflow Temperature (40 second maximum exposure) . 260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
TH ERMAL DATA
PW
24L TSSOP
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θ
JA
100°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θJA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
θJA can vary significantly
depending on mounting technique. (See Application Notes Section: Thermal
considerations)
DIFFB/POWER UP/POWER DOWN FUNCTION TABLE
Outputs
DISC
DIFFB
Status
Type
Quiescent
Current
L
L < 0.5V
Disable
HI-Z
8mA
L
0.7V to 1.9V
Enable
LVD
30mA
L
H > 2.4V
Disable
HI-Z
8mA
H or Open
X
Disable
HI-Z
10µA
PACKAGE PIN OUT
1-
2+
9+
NC
2
3
4
5
6
7
8
9
10
11
12
1
23
22
21
20
19
18
17
16
15
14
13
24
1+
2-
3+
3-
4+
4-
DIFFB
DIFSENS
GND
9-
8-
8+
7-
7+
6-
6+
5-
5+
DISC
VTERM
PW PACKAGE
(Top View)
NC – No Internal Connection
RoHS / Pb-free 100% Matte Tin Lead Finish
RECOMM END E D M AX OPERATING C ONDITIONS
LX5255
Parameter
Symbol
Min
Typ
Max
Units
VTerm
VTERM
2.7
5.25
V
Signal Line Voltage
0
5.0
V
Disconnect Input Voltage
0
VTERM
V
Operating Junction Temperature
TJ
0
70
°C


Similar Part No. - LX5255CPW-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5255CPW MICROSEMI-LX5255CPW Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
More results

Similar Description - LX5255CPW-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
   9-Line LVD SCSI Terminator
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
   9 - LINE LVD SCSI TERMINATOR
logo
Texas Instruments
UCC5680 TI1-UCC5680_15 Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Texas Instruments
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
[Old version datasheet]   LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5640 TI-UCC5640 Datasheet
171Kb / 10P
[Old version datasheet]   Low Voltage Differential LVD SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com