Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX2206 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX2206
Description  TM Dual Level Lithium Ion Battery Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2206 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX2206 Datasheet HTML 1Page - Microsemi Corporation LX2206 Datasheet HTML 2Page - Microsemi Corporation LX2206 Datasheet HTML 3Page - Microsemi Corporation LX2206 Datasheet HTML 4Page - Microsemi Corporation LX2206 Datasheet HTML 5Page - Microsemi Corporation LX2206 Datasheet HTML 6Page - Microsemi Corporation LX2206 Datasheet HTML 7Page - Microsemi Corporation LX2206 Datasheet HTML 8Page - Microsemi Corporation LX2206 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LX2206
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2007
Rev. 1.3a, 2007-08-28
Dual Level Lithium Ion Battery Charger
TM
®
DESCRIPTION
The LX2206 can be used with a
wall adapter or USB power source to
charge a single cell Lithium Ion or
Lithium Polymer battery.
There are
two logic selectable and program-
mable charge current levels which can
be set from anywhere between 50mA
to 1A. The termination current is 1/10
the charge level set by the High Level
Programming Current Pin.
Power status indicators (STAT and
DCOK) can be configured to show
charge
in
progress,
battery
fully
charged and external power on. The
STAT pin is capable of sourcing or
sinking 10mA. The DCOK output is
an open drain output.
The LX2206 enters a low quiescent
current sleep mode when power is
removed
or
when
it
is
logically
shutdown to minimize battery drain.
There are several protection features
which include: under voltage lock out,
inrush current limiting, reverse current
blocking on the IN pin, a thermal loop
to reduce charge current to maintain a
low die temperature, an unsafe battery
temperature
charge
inhibitor,
and
conditioning mode is provided for
deeply discharged batteries.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
KEY FEATUR ES
Two Independent
Programmable Charge
Currents
0.5% Float Voltage Tolerance
Charging up to 1A.
Charging from USB Port.
USB Current Compliance
Full Battery Indicator
CC/CV w Thermal Feedback
Battery Temperature Monitor
Precision Charge Termination
Power Good Indication
APPLI C ATION S
MP3 Player
PDA
PMC
Digital Camera
Charge Cradle
PRODUCT H I GHLIGHT
DCOK
Adapter or USB
Shutdown
High/Low Charge Current
Current
Programming
Control Logic
Status
Battery
Temperature
Lockout
Sensing
LX2206
IN
BAT
SD
H/L
HCP
TMP
DCOK
STAT
GND
CMP
Charging
Full
Power On
Battery
LCP
PACKAGE ORDER INFO
LD Plastic MLPD 10-Pin
TA (°C)
RoHS Compliant / Pb-free
-40 to 85
LX2206ILD
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX2206ILD-TR)


Similar Part No. - LX2206

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2206 MICROSEMI-LX2206 Datasheet
307Kb / 14P
   Dual Level Lithium Ion Battery Charger
LX2206ILD MICROSEMI-LX2206ILD Datasheet
307Kb / 14P
   Dual Level Lithium Ion Battery Charger
More results

Similar Description - LX2206

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2206 MICROSEMI-LX2206 Datasheet
307Kb / 14P
   Dual Level Lithium Ion Battery Charger
LX2207 MICROSEMI-LX2207 Datasheet
396Kb / 14P
   Three Level Lithium Ion Battery Charger
LX2207_0710 MICROSEMI-LX2207_0710 Datasheet
404Kb / 14P
   Three Level Lithium Ion Battery Charger
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Shanghai awinic technol...
AW3210A AWINIC-AW3210A Datasheet
1Mb / 12P
   Lithium ion battery charger
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
ADP3820 AD-ADP3820_15 Datasheet
635Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Microsemi Corporation
LX2208 MICROSEMI-LX2208 Datasheet
250Kb / 11P
   2 Amp Three Level Lithium Ion Battery Charger
logo
Richtek Technology Corp...
RT9161B RICHTEK-RT9161B Datasheet
161Kb / 6P
   Simple Lithium-Ion Battery Charger
logo
Advanced Analogic Techn...
AAT3685 ANALOGICTECH-AAT3685_08 Datasheet
388Kb / 21P
   Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com