Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1721CDBTR Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX1721CDBTR
Description  Class-D Stereo Power Amplifier Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1721CDBTR Datasheet(HTML) 4 Page - Microsemi Corporation

  LX1721CDBTR Datasheet HTML 1Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 2Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 3Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 4Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 5Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 6Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 7Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 8Page - Microsemi Corporation LX1721CDBTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2001
Rev. 1.2a,2004-06-10
AudioMAX™
LX1721 / 1722
Class-D Stereo Power Amplifier Controller
PRODUCTION
I N T E GRA T ED
PR ODUC T S
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature -20°C < TA < 70°C (NOTE 2).
Test conditions: RPWM = 34.8k, CPWM = 100pF, VDD = PVDD = 15V
LX1721 / 1722
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Evaluation Module (See LXE1721)
Supply Voltage
LX1721
7
15
LX1722
VDD
7
25
V
Power Supply Rejection Ratio
PSRR
VIN = 15V, VRIPPLE = 1VRMS, 20Hz
to 20kHz
-70
dB
VIN = 15V, RL=4Ω, THD+N=1%,
10Hz to 22kHz
25
Output Power (Per Channel)
PO
VIN = 25V, RL=4Ω, THD+N=1%,
10Hz to 22kHz
60
W
VIN = 15V, fIN = 1kHz, PO = 10W
82
Efficiency
VIN = 15V, fIN = 1kHz, PO = 20W
85
%
fIN = 1kHz, PO = 1W
.06
Total Harmonic Distortion Plus Noise
THD+N
fIN = 20Hz to 20kHz, PO = 1W
.2
%
Signal-To-Noise Ratio
SNR
RL = 4Ω, PO = 1W
81
dBr
Oscillator Section
Oscillator Frequency
FOSC
450
kHz
Charge Current
ICHG
(varies with VDD pin voltage)
-225
µA
Discharge Current
IDIS
(varies with VDD pin voltage)
225
µA
Oscillator Peak Voltage
VPK
(varies with VDD pin voltage)
3.6
V
Oscillator Valley Voltage
VVAL
(varies with VDD pin voltage)
1.4
V
Voltage Stability
VDD = 8V to 25V
0.6
2
%
Temperature Stability
TA = 0
OC to 70OC
1.0
2
%
Error Amplifier
Input Offset Voltage
VIO
5
mV
DC Open Loop Gain
AOL
60
dB
Unity Gain Bandwidth
UGBW
7
MHz
High Output Voltage
VOH
IOUT = -100µA
3.5
V
Low Output Voltage
VOL
IOUT = +100µA
100
mV
Input Bias Current
IIN
VIN = 1V to 4V
1
µA
Input Amplifier
Stage Gain
Set by Internal Resistors
3.465
3.5
3.535
V/V
Output Voltage, High
VOH
IOUT = -100µA
3.85
V
Output Voltage, Low
VOL
IOUT = +100µA
1.3
V
Input Impedance
180
kΩ
Feedback Amplifier
Stage Gain
LX1721
Set by Internal Resistors
89
91
93
mV/V
LX1722
Set by Internal Resistors
56
57
58
mV/V
Input Impedance
LX1721
250
kΩ
LX1722
400
kΩ


Similar Part No. - LX1721CDBTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
More results

Similar Description - LX1721CDBTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
LX1720 MICROSEMI-LX1720 Datasheet
176Kb / 6P
   SWITCHING CLASS-D, STEREO POWER AMPLIFIER CONTROLLER IC
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
   12W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9736AETJ MAXIM-MAX9736AETJ Datasheet
668Kb / 25P
   Mono/Stereo High-Power Class D Amplifier
Rev 3; 9/09
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736_V01 Datasheet
1Mb / 25P
   Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com