Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1704ILQ-TR Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1704ILQ-TR
Description  2W Filter less Stereo Class-D Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1704ILQ-TR Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1704ILQ-TR Datasheet HTML 1Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 2Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 3Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 4Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 5Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 6Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 7Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 8Page - Microsemi Corporation LX1704ILQ-TR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LX1704
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, 800-877-6458, Fax: 714-893-2570
Page 3
2W Filter less Stereo Class-D Amplifier
TM
®
Copyright
© 2009
Rev.1.4, 2009-02-23
SYSTEM CHARACT ERISTICS
The following specifications apply over the operating ambient temperature 0 < TA < 70°C except where otherwise noted and the following
test conditions: PVDD = VDD = 5.0V, PVSS = VSS = 0V, RL = 4Ω
LX1704
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Current: Quiescent
IQQ
No Load
2.5
5
mA
Supply Current: Shutdown Mode
IQQSD
Disable Pin Active
1
µA
THD+N = 1%
2.4
VDD = PVDD = 5V, Fin
= 1kHz
THD+N = 10%
3.3
THD+N = 1%
0.9
Output Power @ 4 Ohms
PQ
VDD = PVDD = 3.3V,
Fin = 1kHz
THD+N = 10%
1.2
W
Power Efficiency
Η
VDD = PVDD = 5V, Fin = 1kHz
85
%
Total Harmonic Distortion @ 50% of
Maxim Power
THD_N
VDD = PVDD = 5V, Fin = 1kHz, RL = 4Ω
0.1
%
Signal To Noise Ratio
SNR
VDD = PVDD = 5V, F = 1kHz, PO = 1W, A-
weighted
90
dB
Output Noise Floor
VN
Input Grounded A-weighted 20 to 20kHz
100
µVRMS
Frequency Response Lower Corner
Frequency
FLO
3dB relative to 1kHz
20
20K
Hz
Frequency Response
VDD = PVDD = 2.5 to 5.5V, RL = 4Ω,
PO = 200mW @ 20 to 80kHz, Filter less
3
dB
Power Supply Rejection Ratio
PSRR
Input Referred, VDD = PVDD = 2.5V to 5.5V
55
60
dB
Common Mode Rejection Ratio
CMRR
VDD = PVDD = 2.5V to 5.5V
55
60
dB
Gain
GSYS
20
dB


Similar Part No. - LX1704ILQ-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1704 MICROSEMI-LX1704 Datasheet
612Kb / 12P
   2W Filter less Stereo Class-D Amplifier
LX1704CLQ MICROSEMI-LX1704CLQ Datasheet
612Kb / 12P
   2W Filter less Stereo Class-D Amplifier
More results

Similar Description - LX1704ILQ-TR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1704 MICROSEMI-LX1704 Datasheet
612Kb / 12P
   2W Filter less Stereo Class-D Amplifier
LX1702 MICROSEMI-LX1702 Datasheet
271Kb / 11P
   1W Filter less Stereo Class-D Amplifier
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
logo
Eutech Microelectronics...
EUA2012 EUTECH-EUA2012 Datasheet
159Kb / 1P
   2.7-W/CH Stereo Filter-less Class-D Audio Power Amplifier
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
   ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
logo
Elite Semiconductor Mem...
AD52651A ESMT-AD52651A Datasheet
170Kb / 3P
   2.5W/CH Stereo Filter-less Class-D Audio Amplifier with Headphone Driver
logo
Rohm
BD27400GUL ROHM-BD27400GUL Datasheet
1Mb / 23P
   Filter-Less Class-D Monaural Speaker Amplifier
logo
Analog Devices
SSM2356CBZ-RL AD-SSM2356CBZ-RL Datasheet
505Kb / 16P
   2 x 2W Filterless Class-D Stereo Audio Amplifier
REV. A
SSM2356 AD-SSM2356 Datasheet
639Kb / 16P
   2 횞 2W Filterless Class-D Stereo Audio Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com