Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1721 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX1721
Description  Class-D Stereo Power Amplifier Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1721 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button LX1721_04 Datasheet HTML 5Page - Microsemi Corporation LX1721_04 Datasheet HTML 6Page - Microsemi Corporation LX1721_04 Datasheet HTML 7Page - Microsemi Corporation LX1721_04 Datasheet HTML 8Page - Microsemi Corporation LX1721_04 Datasheet HTML 9Page - Microsemi Corporation LX1721_04 Datasheet HTML 10Page - Microsemi Corporation LX1721_04 Datasheet HTML 11Page - Microsemi Corporation LX1721_04 Datasheet HTML 12Page - Microsemi Corporation LX1721_04 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 2001
Rev. 1.2a,2004-06-10
AudioMAX™
LX1721 / 1722
Class-D Stereo Power Amplifier Controller
PRODUCTION
I N T E GRA T ED
PR ODUC T S
CHARACT ER ISTIC CURVES ( C ONTINUED)
0.001
100
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
0.05123
0.53924
100m
300
200m
500m
1
2
5
10
20
50
100
200
1.136
109.9
Output Power (W)
dx=108.8 W
dy=0.48800 %
FIGURE 5
– THD+N VS. OUTPUT POWER
VIN = 25V
fIN = 1kHz
RL = 2Ω
0.001
100
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
0.19402
0.02322
20
20k
50
100
200
500
1k
2k
5k
10k
5.025k
126.2
Frequency (Hz)
dx=-4.8988 kHz
dy=-0.17080 %
FIGURE 6
– THD+N VS. FREQUENCY
VIN = 15V
RL = 4Ω
PO = 1WRMS
0.001
100
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
0.1798
0.06044
20
20k
50
100
200
500
1k
2k
5k
10k
5.025k
126.2
Frequency (Hz)
dx=-4.8988 kHz
dy=-0.11937 %
FIGURE 7
– THD+N VS. FREQUENCY
VIN = 25V
RL = 4Ω
PO = 1WRMS


Similar Part No. - LX1721_04

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1721 MICROSEMI-LX1721 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
More results

Similar Description - LX1721_04

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1722 MICROSEMI-LX1722 Datasheet
367Kb / 14P
   Class-D Stereo Power Amplifier Controller
LX1720 MICROSEMI-LX1720 Datasheet
176Kb / 6P
   SWITCHING CLASS-D, STEREO POWER AMPLIFIER CONTROLLER IC
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
APA3002 ANPEC-APA3002 Datasheet
587Kb / 29P
   12W Stereo Class-D Audio Power Amplifier
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9736AETJ MAXIM-MAX9736AETJ Datasheet
668Kb / 25P
   Mono/Stereo High-Power Class D Amplifier
Rev 3; 9/09
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9736 MAXIM-MAX9736_V01 Datasheet
1Mb / 25P
   Mono/Stereo High-Power Class D Amplifier
19-3108; Rev 4; 11/19
logo
Integrated Silicon Solu...
IS31AP2118 ISSI-IS31AP2118 Datasheet
310Kb / 9P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com