Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1689 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1689
Description  Third Generation CCFL Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1689 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1689 Datasheet HTML 1Page - Microsemi Corporation LX1689 Datasheet HTML 2Page - Microsemi Corporation LX1689 Datasheet HTML 3Page - Microsemi Corporation LX1689 Datasheet HTML 4Page - Microsemi Corporation LX1689 Datasheet HTML 5Page - Microsemi Corporation LX1689 Datasheet HTML 6Page - Microsemi Corporation LX1689 Datasheet HTML 7Page - Microsemi Corporation LX1689 Datasheet HTML 8Page - Microsemi Corporation LX1689 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2000
Rev. 1.1, 2006-02-27
LX1689
Third Generation CCFL Controller
PRODUCTION DATA SHEET
TM
®
FUNCTIONAL PIN DESCRIPTION ( C ONTI NUE D )
PIN NAME
DESCRIPTION
DIM_CLK
Digital Dimming Clock / Dimming Polarity. An input pin that may be selected to control burst frequency for
external Digital Dimming. This input can be any clock signal up to 200KHz. This pin is also used to control the
dimming polarity when operating in the analog or internal digital mode. If DIM_MODE is in the open condition
(Analog Dimming Mode) the DIM_CLK input should be connected to VDD_A for conventional dimming polarity
or set to Ground for reverse polarity. Conventional polarity means that lamp brightness increases with
increasing voltage on the BRITE_IN pin. Reverse polarity means that brightness decreases with increasing
voltage.
OC_SNS
Over Current Sense Input. A full wave AC voltage input centered on ground that is proportional to total high
voltage transformer secondary winding current. The OC_SNS input is full wave rectified, then applied to a digital
comparator with a 2V reference to cause peak voltages greater than 2V to digitally reset the PWM logic on a
pulse by pulse basis.
Frequency range of the input signal is 10kHz to 500KHz. Normal operating voltage levels should be under
max ±1.8VPK, and abnormal voltage can operate continuously as high as ± 10V peak under load fault
conditions. Transients under fault conditions can reach ± 25VPK.
DIM_MODE
Dimming Mode Input. This three state input pin places the IC in Analog Dimming Mode, internal Digital Dimming
Mode, or external Digital Dimming Mode. If the input is left open or forced to VDD_A / 2 Analog mode is
selected.
If connected to VDD_A, Digital Dimming with a external clock source applied to the DIM_CLK input is
selected to the burst timing generator. If connected to Ground, Digital Dimming with a internal clock is selected.
The internal clock is equivalent to the frequency at AOUT divided by two, both the internal or external clock
frequency can be divided down by setting the DIV_248 pin. (see DIV_248)
OV_SNS
Over Voltage Sense Input. A full wave AC voltage input centered around ground that is proportional to lamp
voltage. The OV_SNS input will be full wave rectified, then applied to a digital comparator with a 2V reference to
cause peak voltage greaten than 2V to digitally reset the PWM logic on a pulse by pulse basis.
Frequency range of the input signal is 10Khz to 500KHz. Normal operating voltage levels should be under
±1.8VPK, and abnormal voltage can operate continuously as high as ±10V peak under load fault conditions.
Transients under fault conditions can reach ± 25VPK.
The input has a 10K pull down resistor that serves as a DC restorer to the external capacitor that divides
down lamp voltage.
DIV_248
Divide Digital Dimming clock by 2, 4, or 8. This three state input pin causes the internal or external digital
dimming clock source to be divided by one of the three values, 2, 4, or 8. Its purpose is to allow a selection of
three possible burst rates for any given external or internal clock source. A high (VDD_A) selects divide by 2,
open selects divide by 4, and ground selects divided by 8. We advise keeping burst above 95Hz and below
about 400HZ. This will minimize visible flicker and possible audible noise from the power supply components.
I_SNS
Current Sense Input. A full wave AC voltage input centered around ground that is proportional to lamp current.
The I_SNS input is full wave rectified and amplified, then presented to the inverting input of the current error
amplifier through a 100K resistor.
Frequency range of the input signal is 10KHz to 500KHz. Normal operating voltage levels will be in the range
of ± 0.5 to 2.5VPK, and abnormal voltage can operate continuously as high as ± 10V peak under load fault
conditions. Transient under fault conditions can reach ± 25VPK. We strongly recommend a 10K resistor be
placed in series with the pin to limit current from voltage spikes that can occur by intermittent lamp connectors,
or arcing from a faulty high voltage transformer. This resistor will eliminate the possibility of IC damage under
these fault conditions.
The open lamp fault logic monitors the I_SNS pin voltage and number of lamp current cycles. If the number
of lamp current cycles with amplitude below fault threshold are less than 8 in a given fault checking period then
the strike latch will not be reset and a fault is declared, which shuts down the A/B outputs. In the strike mode, if
no lamp current is detected after 15 attempts a fault is likewise declared. ( See further LX1689 operation
section)


Similar Part No. - LX1689

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689 Datasheet
309Kb / 14P
   Third Generation CCFL Controller
More results

Similar Description - LX1689

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1689 MICROSEMI-LX1689 Datasheet
309Kb / 14P
   Third Generation CCFL Controller
logo
SONiX Technology Compan...
SN11088 SONIX-SN11088 Datasheet
655Kb / 14P
   Third Generation USB1.1 Flash Memory Controller
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
   Third generation FemtoClock
logo
PREMO CORPORATION S.L
P038PP1CP1 PREMO-P038PP1CP1 Datasheet
110Kb / 1P
   Third generation of planar transformers
P215FK3DX1 PREMO-P215FK3DX1 Datasheet
126Kb / 1P
   Third generation of planar transformers
P264FB4DP PREMO-P264FB4DP Datasheet
128Kb / 1P
   Third generation of planar transformers
P022FW1CX1 PREMO-P022FW1CX1 Datasheet
125Kb / 1P
   Third generation of planar transformers
P043FB1CP1 PREMO-P043FB1CP1 Datasheet
113Kb / 1P
   Third generation of planar transformers
P222WD3DX1 PREMO-P222WD3DX1 Datasheet
121Kb / 1P
   Third generation of planar transformers
P032PP1CP1 PREMO-P032PP1CP1 Datasheet
114Kb / 1P
   Third generation of planar transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com