Part Name
         Description
LX1672-05CPW-TR

 Multiple Output LoadSHARE PWM TM ( 20 Page)


MICROSEMI
100% 
Zoom Out Zoom In
 6 page
background image
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 6
Copyright
© 2000
Rev. 1.0, 2005-08-10
LX1672
Multiple Output LoadSHARE™ PWM
TM
®
BLOCK DIAGRAM
CS Comp
+
-
Amplifier/
Compensation
+
-
Error Comp
+
-
I
RESET
R
S
Q
Q
V
TRIP
20k
V
REF
Ramp
Oscillator
UVLO
L1
R
1
ESR
C
OUT
R
2
C
IN
+12V
+5V
V out 1
R
SET
C
SS
V
CC
LO1
HO1
VC1
CS1
FB1
SS
I
SET
PWM
I
SET
+5V
EO1
VS1
VCCL
PG1
UVLO
Hiccup
FAULT
TEMP
SS1
SS2
F
R
S
S
S
5.5V
DIS1
PWGD
(MLP Only)
16V
16V
V in
Figure 1
– Block Diagram of PWM Phase 1
-
+5V
+V
V
REF
+12V
LDGD
LDFB
LDDIS
VC1
VOUT3
Figure 2
– LDO Controller Block Diagram



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl