Part Name
         Description
LX1672-05CPW-TR

 Multiple Output LoadSHARE PWM TM ( 20 Page)


MICROSEMI
100% 
Zoom Out Zoom In
 
 5 page
background image
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 1.0, 2005-08-10
LX1672
Multiple Output LoadSHARE™ PWM
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0
°C
T
A 70°C except where
otherwise noted and the following test conditions: VCC = 5V, VCCL = 5V, VCX = 12V, HOX = LOX = 3000pF Load
LX1672
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
UVLO AND SOFT-START (SS)
Start-Up Threshold (VCX), (VCCL)
3.5
4.0
4.5
V
Start-Up Threshold (VCC)
4.0
4.25
4.5
V
Hysteresis Vcc
0.1
V
SS Input Resistance
RSS
20
K
Ω
SS Shutdown Threshold
VSHDN
0.15
V
Hiccup Mode Duty Cycle
CSS = 0.1μF
10
%
LINEAR REGULATOR CONTROLLER
Voltage Reference Tolerance
VLDFB = 0.8V, COUT = 330µF
2
%
Source Current
IHDRV
VOUT = 9V
6
mA
Sink Current
ILDRV
VOUT = 0.4V
0.2
mA
DISABLE INPUT
1.0
V
PWM Disable
DISX
Pull down Resistance
80
ΚΩ
2.5
V
LDO Disable
LDDIS
Pull down Resistance
100
K
Ω
Note 1 – X = Phase 1,2
Note 2 – System Specification



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl