Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1684CD Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LX1684CD
Description  Voltage-Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1684CD Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button LX1684CD Datasheet HTML 4Page - Microsemi Corporation LX1684CD Datasheet HTML 5Page - Microsemi Corporation LX1684CD Datasheet HTML 6Page - Microsemi Corporation LX1684CD Datasheet HTML 7Page - Microsemi Corporation LX1684CD Datasheet HTML 8Page - Microsemi Corporation LX1684CD Datasheet HTML 9Page - Microsemi Corporation LX1684CD Datasheet HTML 10Page - Microsemi Corporation LX1684CD Datasheet HTML 11Page - Microsemi Corporation LX1684CD Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2000
Rev. 1.0c, 2005-03-08
LX1684
Voltage-Mode PWM Controller
PRODUCTION DATA SHEET
TM
®
APPLI CATI ON I N FORMATI O N
FET SELECTION (continued)
Synchronous Rectification – Lower MOSFET
The lower pass element can be either a MOSFET or a Schottky
diode. The use of a MOSFET (synchronous rectification) will
result in higher efficiency, but at higher cost than using a Schottky
diode (non-synchronous). Power dissipated in the bottom
MOSFET will be:
[]
W
Cycle
Duty
R
I
P
ON
DS
D
26
3
1
2
.
)
(
=
×
×
=
[SUB45N03-13L or 2.12W for the SUB70N03-09BP]
Non-Synchronous Operation - Schottky Diode
A typical Schottky diode, with a forward drop of 0.6V will
dissipate 0.6 * 15 * [1 – 3.3/12] = 6.5W (compared to the 2.1 to
4.2W dissipated by a MOSFET under the same conditions). This
power loss becomes much more significant at lower duty cycles.
The use of a dual Schottky diode in a single TO-220 package (e.g.
the MBR2535) helps improve thermal dissipation.
Boost Operation
The LX1684 needs a secondary supply voltage (VC1) to provide
sufficient drive to the upper MOSFET. The top FET must be a
logic level power MOSFET such as SUB45N03-13L. It must be able
to turn on to a low RDS(ON) with VGS of 4.5V or higher. VC1 can be
generated using a bootstrap (charge pump) circuit, as shown in the
Product Highlight on page 1. The capacitor, (C1) is alternatively
charged up from 5V via the Schottky diode, (D1), and then boosted
up when the FET is turned on. Under any circumstance the voltage
at VC1 should not be more than 18V for more than 300nS and must
not be greater than 19V for more than 50nS. Lab evaluation and
module production test should be the final arbiter to verify the
proper operation. For application with a large MOSFET, the
maximum voltage at VC1 should be kept lower due to thermal
dissipation in the FET driver section. It is inherent in a higher
current power supply that the parasitic inductance and capacitance
on PCB board and Power MOSFET device induces ringing at the
gate drive. The extra thermal dissipation and the higher peak
voltage generated by gate ringing should be taken in account
during final design. The temperature rise due to gate drive thermal
dissipation can be reduced by extra heat sinking. A resistor in
series with the gate in order of 10ohm or snubber circuitry can
reduce the gate ringing. The voltage must provide sufficient gate
drive to the external MOSFET in order to get a low RDS(ON) and
MUST be lower than maximum voltage rating of 18V.
Note that using the bootstrap circuit in synchronous rectification
mode is likely to result in faster turn-on than in non-synchronous
mode.
LAYOUT GUIDELINES - THERMAL DESIGN
A great deal of time and effort were spent optimizing the
thermal design of the demonstration boards. Any user who intends
to implement an embedded motherboard would be well advised to
carefully read and follow these guidelines.
If the FET switches have been carefully selected, external
heatsinking is generally not required. However, this means that
copper trace on the PC board must now be used. This is a potential
trouble spot; as much copper area as possible must be dedicated to
heatsinking the FET switches, and the diode as well if a non-
synchronous solution is used..
LX1684
+12V Input
O utput
GND
FIGURE 2 — Key Power PCB Traces
General Notes
As always, be sure to provide local capacitive decoupling close
to the chip. Be sure use ground plane construction for all high-
frequency work. Use low ESR capacitors where justified, but be
alert for damping and ringing problems. High-frequency designs
demand careful routing and layout, and may require several
iterations to achieve desired performance levels.
Power Traces
To reduce power losses due to ohmic resistance, careful consid-
eration should be given to the layout of traces that carry high
currents. The main paths to consider are:
Input power from 12V supply to drain of top MOSFET.
Trace between top MOSFET and lower MOSFET or
Schottky diode.
Trace between lower MOSFET or Schottky diode and
ground.
Trace between source of top MOSFET and inductor and
load.
All of these traces should be made as wide and thick as possible,
in order to minimize resistance and hence power losses. It is also
recommended that, whenever possible, the ground, input and
output power signals should be on separate planes (PCB layers).
See Figure 2 – bold traces are power traces.


Similar Part No. - LX1684CD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1684CD MICROSEMI-LX1684CD Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
More results

Similar Description - LX1684CD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
   Voltage-Mode PWM Controller
logo
Shaoxing Devechip Micro...
SDC2921 SDC-SDC2921 Datasheet
402Kb / 13P
   Voltage Mode PWM Controller
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
   Voltage Mode PWM Controller
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Samsung semiconductor
KA7500B SAMSUNG-KA7500B Datasheet
97Kb / 5P
   VOLTAGE-MODE PWM CONTROLLER
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com