Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1672-06CLQ Datasheet(PDF) 5 Page - Microsemi Corporation

Part # LX1672-06CLQ
Description  Multiple Output LoadSHARE PWM TM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1672-06CLQ Datasheet(HTML) 5 Page - Microsemi Corporation

  LX1672-06CLQ Datasheet HTML 1Page - Microsemi Corporation LX1672-06CLQ Datasheet HTML 2Page - Microsemi Corporation LX1672-06CLQ Datasheet HTML 3Page - Microsemi Corporation LX1672-06CLQ Datasheet HTML 4Page - Microsemi Corporation LX1672-06CLQ Datasheet HTML 5Page - Microsemi Corporation LX1672-06CLQ Datasheet HTML 6Page - Microsemi Corporation LX1672-06CLQ Datasheet HTML 7Page - Microsemi Corporation LX1672-06CLQ Datasheet HTML 8Page - Microsemi Corporation LX1672-06CLQ Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 5
Copyright
© 2000
Rev. 1.0, 2005-08-10
LX1672
Multiple Output LoadSHARE™ PWM
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature 0
°C
T
A 70°C except where
otherwise noted and the following test conditions: VCC = 5V, VCCL = 5V, VCX = 12V, HOX = LOX = 3000pF Load
LX1672
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
UVLO AND SOFT-START (SS)
Start-Up Threshold (VCX), (VCCL)
3.5
4.0
4.5
V
Start-Up Threshold (VCC)
4.0
4.25
4.5
V
Hysteresis Vcc
0.1
V
SS Input Resistance
RSS
20
K
Ω
SS Shutdown Threshold
VSHDN
0.15
V
Hiccup Mode Duty Cycle
CSS = 0.1μF
10
%
LINEAR REGULATOR CONTROLLER
Voltage Reference Tolerance
VLDFB = 0.8V, COUT = 330µF
2
%
Source Current
IHDRV
VOUT = 9V
6
mA
Sink Current
ILDRV
VOUT = 0.4V
0.2
mA
DISABLE INPUT
1.0
V
PWM Disable
DISX
Pull down Resistance
80
ΚΩ
2.5
V
LDO Disable
LDDIS
Pull down Resistance
100
K
Ω
Note 1 – X = Phase 1,2
Note 2 – System Specification


Similar Part No. - LX1672-06CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1672-03CPW MICROSEMI-LX1672-03CPW Datasheet
358Kb / 20P
   Multiple Output LoadSHARE PWM
LX1672-05CPW MICROSEMI-LX1672-05CPW Datasheet
358Kb / 20P
   Multiple Output LoadSHARE PWM
More results

Similar Description - LX1672-06CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1671 MICROSEMI-LX1671_06 Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
LX1672 MICROSEMI-LX1672 Datasheet
358Kb / 20P
   Multiple Output LoadSHARE PWM
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1675 MICROSEMI-LX1675 Datasheet
324Kb / 19P
   Multiple Output LoadSHARE??PWM PRODUCTION DATA SHEET
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
   Current-Mode PWM Multiple Output Flyback Converter
logo
Sumida Corporation
EEH1713 SUMIDA-EEH1713 Datasheet
278Kb / 1P
   Multiple Output Transformer
logo
SMSC Corporation
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
   Multiple RPM-Based PWM Fan Controller
logo
Semtech Corporation
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
   Multiple Function Double Ended PWM Controller
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
logo
NXP Semiconductors
TDA3601Q PHILIPS-TDA3601Q Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com