Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1672-03CLQ Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1672-03CLQ
Description  Multiple Output LoadSHARE PWM TM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1672-03CLQ Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1672-03CLQ Datasheet HTML 1Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 2Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 3Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 4Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 5Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 6Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 7Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 8Page - Microsemi Corporation LX1672-03CLQ Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 1.0, 2005-08-10
LX1672
Multiple Output LoadSHARE™ PWM
TM
®
DESCRIPTION
The LX1672 is a highly integrated
power supply controller IC featuring
two PWM switching regulator stages
with an additional onboard linear
regulator driver.
The two constant frequency voltage-
mode PWM phases can be easily
configured as a single Bi-Phase high
current output, two
independently
regulated outputs, or as a DDR memory
I/O supply with a tracking DDR
termination voltage supply. Power loss
and noise, due to the ESR of the input
capacitors, are minimized by operating
each PWM output 180° out of phase.
This
architecture
also
minimizes
capacitor
requirements
while
maximizing regulator response.
In bi-phase operation, the high
current output utilizes a patented current
sharing architecture, called Forced
Current Sharing, to allow accurate
current sharing without the use of
expensive current sense resistors.
This patented approach also gives
system designers maximum flexibility with
respect to MOSFET supply. Each phase
can utilize different supply voltages, for
efficient use of available supplies, while
programming the ratio of current pulled
from each using one of three methods (see
application section).
The
LX1672
incorporates
fully
programmable
soft-start
sequencing
capabilities.
Each output can be
configured to come up in any order
necessary as required by the application.
The LX1672 features an additional
Linear Regulator Driver output, which
when coupled with an inexpensive
MOSFET is capable of supplying up to 5A
for I/O, memory, and other supplies
surrounding
today’s
micro-processor
designs.
Each regulator voltage output is
programmed via a simple voltage-divider
network. The LX1672, utilizing MOSFET
RDS(ON) impedance, monitors maximum
current limit conditions, in each PWM
phase without the use of expensive current
sense resistors.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
U.S Patents: 6,285,571,6,292,378
KEY FEATUR ES
Up to Three Independently
Regulated Outputs
DDR Termination Compliant
Bi-phase Current Sharing
Outputs As Low As 0.8V
Generated From An Internal 1%
Reference
Multiphase High Current Output
Reduces Required Capacitance
Integrated High Current MOSFET
Drivers
300KHz, 500KHz and 600KHz
High Frequency Operation
Minimizes External Component
Requirements
Independent Phase Programmable
Soft-Start and Power Sequencing
Adjustable Linear Regulator Driver
Output
No current-sense resistors
APPLICATIONS/BENEFITS
Multi-Output Power Supplies
Video Card Power Supplies
DDR, VDDQ and Termination
Supply
PC Peripherals
Portable PC Processor and I/O
Supply
PRODUCT H I GHLIGHT
Memory Bus
....
DDR Termination
Memory Core
12V
3.3V
I/O
Graphics
Controller
DDR Memory
LX1672
Refer to Typical
Application for
complete circuit.
5V
PACKAGE ORDER INFO
PW
Plastic TSSOP
28-Pin
LQ
Plastic MLPQ
38-Pin
TA (°C)
Switching
Frequency (kHz)
RoHS Compliant / Pb-free Transition DC: 0518 RoHS Compliant / Pb-free Transition DC: 0512
0 to 70
300
LX1672-03CPW
LX1672-03CLQ
0 to 70
500
LX1672-05CPW
0 to 70
600
LX1672-06CLQ
NOTE: Available in Tape & Reel. Append the letters “TR” to the part number (i.e. LX1672-06CLQ-TR)


Similar Part No. - LX1672-03CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1672-03CPW MICROSEMI-LX1672-03CPW Datasheet
358Kb / 20P
   Multiple Output LoadSHARE PWM
More results

Similar Description - LX1672-03CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1671 MICROSEMI-LX1671_06 Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
LX1672 MICROSEMI-LX1672 Datasheet
358Kb / 20P
   Multiple Output LoadSHARE PWM
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1675 MICROSEMI-LX1675 Datasheet
324Kb / 19P
   Multiple Output LoadSHARE??PWM PRODUCTION DATA SHEET
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
   Current-Mode PWM Multiple Output Flyback Converter
logo
Sumida Corporation
EEH1713 SUMIDA-EEH1713 Datasheet
278Kb / 1P
   Multiple Output Transformer
logo
SMSC Corporation
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
   Multiple RPM-Based PWM Fan Controller
logo
Semtech Corporation
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
   Multiple Function Double Ended PWM Controller
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
logo
NXP Semiconductors
TDA3601Q PHILIPS-TDA3601Q Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com