Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1671CLQ Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX1671CLQ
Description  Multiple Output LoadSHARE PWM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1671CLQ Datasheet(HTML) 1 Page - Microsemi Corporation

  LX1671CLQ Datasheet HTML 1Page - Microsemi Corporation LX1671CLQ Datasheet HTML 2Page - Microsemi Corporation LX1671CLQ Datasheet HTML 3Page - Microsemi Corporation LX1671CLQ Datasheet HTML 4Page - Microsemi Corporation LX1671CLQ Datasheet HTML 5Page - Microsemi Corporation LX1671CLQ Datasheet HTML 6Page - Microsemi Corporation LX1671CLQ Datasheet HTML 7Page - Microsemi Corporation LX1671CLQ Datasheet HTML 8Page - Microsemi Corporation LX1671CLQ Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Microsemi
Integrated Products, Power Management
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 1.2b, 2006-02-13
LX1671
Multiple Output LoadSHARE™ PWM
PRODUCTION DATA SHEET
TM
®
DESCRIPTION
The LX1671 is a highly integrated
power supply controller IC featuring
three PWM switching regulator stages
with an additional onboard linear
regulator driver.
Two of the constant frequency
voltage-mode PWM phases can be
easily configured for a single Bi-Phase
high current output or two in-
dependently regulated outputs. Each
phase
incorporates
a
fully
pro-
grammable soft-start sequence. This
versatility yields either three or four
independently regulated outputs with
full power sequencing capability giving
system
designers
the
ultimate
flexibility in power supply design.
In Bi-Phase operation, the high
current (>30A) output can utilize
different supply rails allowing Forced
Current
Sharing
from
different
sources. Power loss and noise, due to
the ESR of the input capacitors, are
minimized by operating each PWM
output 180
° out of phase. This
architecture also minimizes capacitor
requirements while maximizing re-
gulator response.
The additional outputs are capable of
supplying up to 5A (Linear Regulator
Driver) and 15A (Switching Regulator)
for I/O, memory, termination, and other
supplies surrounding today’s micro-
processor designs.
Each
PWM regulator
output
is
programmed via a simple voltage-divider
network.
The
LX1671,
utilizing
MOSFET RDS(ON) impedance, monitors
current limit conditions, in each PWM
phase, without the use of expensive
current sense resistors.
The LX1671 was designed to give
design engineers maximum flexibility
with respect to the MOSFET supply.
Each phase can utilize different supply
voltages for efficient use of available
supply rails.
Additionally, when two
phases are configured in Bi-Phase output,
the LoadSHARETM topology can be
programmed via inductor ESR selection.
There are three other methods that can
also be used with LoadSHARETM. These
other methods are presented in the theory
of operation section of this data sheet.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
LoadSHARE is a Trademark of Microsemi Corporation
Protected by US Patents: 6,285,571 & 6,292,378
KEY FEATUR ES
Up to Four Independently
Regulated Outputs
Outputs As Low As 0.8V
Generated From An Internal 1%
Reference
Multiphase High Current Output
Reduces Required Capacitance
Integrated High Current MOSFET
Drivers
300kHz High Frequency Operation
Minimizes External Component
Requirements
Independent Phase Programmable
Soft-Start and Power Sequencing
Adjustable Linear Regulator Driver
Output
No current-sense resistors
DDR Termination Compliant
APPLICATIONS/BENEFITS
Multi-Output Power Supplies
Video Card Power Supplies
PC Peripherals
Portable PC Processor and I/O
Supply
PRODUCT H I GHLIGHT
Memory Bus
....
DDR Termination
Memory Core
12V
3.3V
I/O
Graphics
Controller
DDR Memory
LX1671
Refer to Typical
Application for
complete circuit.
5V
Core
PACKAGE ORDER INFO
PW
Plastic TSSOP
38-Pin
LQ
Plastic MLPQ
38-Pin
TA (°C)
RoHS Compliant / Pb-free Transition DC: 0518
RoHS Compliant / Pb-free Transition DC: 0512
0 to 70
LX1671CPW
LX1671CLQ
Note: Available in Tape & Reel. Append the letters “TR” to the part number (i.e. LX1671CPW-TR)


Similar Part No. - LX1671CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
More results

Similar Description - LX1671CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1672 MICROSEMI-LX1672 Datasheet
358Kb / 20P
   Multiple Output LoadSHARE PWM
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1672_0508 MICROSEMI-LX1672_0508 Datasheet
387Kb / 20P
   Multiple Output LoadSHARE PWM TM
LX1675 MICROSEMI-LX1675 Datasheet
324Kb / 19P
   Multiple Output LoadSHARE??PWM PRODUCTION DATA SHEET
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
   Current-Mode PWM Multiple Output Flyback Converter
logo
Sumida Corporation
EEH1713 SUMIDA-EEH1713 Datasheet
278Kb / 1P
   Multiple Output Transformer
logo
SMSC Corporation
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
   Multiple RPM-Based PWM Fan Controller
logo
Semtech Corporation
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
   Multiple Function Double Ended PWM Controller
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
logo
NXP Semiconductors
TDA3601Q PHILIPS-TDA3601Q Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com