Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX432ILP Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX432ILP
Description  Low Voltage Adjustable Precision Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX432ILP Datasheet(HTML) 3 Page - Microsemi Corporation

  LX432ILP Datasheet HTML 1Page - Microsemi Corporation LX432ILP Datasheet HTML 2Page - Microsemi Corporation LX432ILP Datasheet HTML 3Page - Microsemi Corporation LX432ILP Datasheet HTML 4Page - Microsemi Corporation LX432ILP Datasheet HTML 5Page - Microsemi Corporation LX432ILP Datasheet HTML 6Page - Microsemi Corporation LX432ILP Datasheet HTML 7Page - Microsemi Corporation LX432ILP Datasheet HTML 8Page - Microsemi Corporation LX432ILP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2000
Rev. 1.3, 2005-02-24
LX432
Low Voltage Adjustable Precision Shunt Regulator
PRODUCTION DATA SHEET
TM
®
ELECTRI CAL CHA RACTERI S TI CS
Unless otherwise specified, the following specifications apply over the operating ambient temperature for the LX432C with 0
°C
T
A
70
°C and the LX432I with -40°C < TA < 85°C except where otherwise noted.
LX432
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reference Voltage
VREF
IK = 10mA, VKA = VREF, TA = 25°C
1.228
1.24
1.252
V
Reference Voltage Drift (note 2)
∆VREF
IK = 10mA, VKA = VREF, 0°C < TA < 70°C
3
12
mV
IK = 10mA, VKA = VREF, -40°C < TA < 85°C
4
20
mV
Ratio of VREF Change In Cathode
Voltage Change (note 3)
KA
REF
∆V
∆V
IK = 10ma, VKA = VREF to 16V, TA = 25°C
-1
-2.7
mV/V
Reference Terminal Current
IREF
IK = 10mA, VKA = VREF, TA=25°C, R1=10kΩ,
R2=Open
0.1
0.5
µA
IK = 10mA, VKA = VREF, 0°C < TA < 70°C
0.05
0.3
µA
Reference Current Drift (note 2)
∆IREF
IK = 10mA, VKA = VREF, -40°C < TA < 85°C
0.1
0.4
µA
Minimum Cathode Current For
Regulation
IK(MIN)
VKA = VREF, TA = 25°C
55
80
µA
Dynamic Impedance
ZKA
IK = 0.1mA to 15mA, VKA = VREF, TA = 25°C
0.2
0.4
Off-State Cathode Current
IOFF
VKA = 16V, TA = 25°C
0.004
µA
Note 2: These parameters are guaranteed by design.
Note 3:
KA
REF
∆V
∆V
Ratio of change in reference input voltage to the change in cathode voltage


Similar Part No. - LX432ILP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX432ILP MICROSEMI-LX432ILP Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - LX432ILP

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com