Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

249NQ150 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 249NQ150
Description  240 Amp Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

249NQ150 Datasheet(HTML) 2 Page - Microsemi Corporation

  249NQ150 Datasheet HTML 1Page - Microsemi Corporation 249NQ150 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Average Forward Current - Amperes
500
DC
180
120
280
240
200
120
160
Figure 5
Maximum Forward Power Dissipation
400
200
300
100
80
0
40
0
Reverse Voltage - Volts
10000
Figure 2
175 C
125 C
10
100
1000
Typical Reverse Characteristics
150
120
90
30
75 C
0
25 C
0.1
1
60
Average Forward Current - Amperes
180
170
160
Figure 4
Forward Current Derating
500
DC
400
180
200
120
300
100
150
140
130
110
120
0
2000
100
Figure 3
100,000
Typical Junction Capacitance
50
10
5.0
1.0
40,000
60,000
20,000
6000
4000
10,000
0.5
1000
0.1
Reverse Voltage - Volts
Instantaneous Forward Voltage - Volts
125 C
10,000
Figure 1
Typical Forward Characteristics
25 C
5000
1000
175 C
500
100
1.6
1.4
1.0
1.2
0.4
0.6
50
0.2
10
0.8
HS246150
January, 2011 - Rev. 3
www.microsemi.com


Similar Part No. - 249NQ150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
249NQ150 IRF-249NQ150 Datasheet
114Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
249NQ150 SMC-249NQ150 Datasheet
176Kb / 4P
   Replaces three parallel DO-5?셎
249NQ150-1 SMC-249NQ150-1 Datasheet
168Kb / 4P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
249NQ150PBF VISHAY-249NQ150PBF Datasheet
112Kb / 6P
   Schottky Rectifier, 240 A
Revision: 28-Apr-08
logo
International Rectifier
249NQ150R IRF-249NQ150R Datasheet
114Kb / 5P
   SCHOTTKY RECTIFIER
More results

Similar Description - 249NQ150

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS24380 MICROSEMI-HS24380_11 Datasheet
117Kb / 2P
   240 Amp Schottky Rectifier
HS247180 MICROSEMI-HS247180_11 Datasheet
116Kb / 2P
   240 Amp Schottky Rectifier
HS24230 MICROSEMI-HS24230 Datasheet
127Kb / 2P
   240 Amp Schottky Rectifier
HS24135 MICROSEMI-HS24135 Datasheet
138Kb / 2P
   240 AMP SCHOTTKY RECTIFIER
HS24035 MICROSEMI-HS24035 Datasheet
141Kb / 2P
   240 AMP SCHOTTKY RECTIFIER
HS24515 MICROSEMI-HS24515_11 Datasheet
118Kb / 2P
   240 Amp Schottky Rectifier
HS24135 MICROSEMI-HS24135_11 Datasheet
117Kb / 2P
   240 Amp Schottky Rectifier
HS24380 MICROSEMI-HS24380 Datasheet
129Kb / 2P
   240 Amp Schottky Rectifier
HS24035 MICROSEMI-HS24035_11 Datasheet
118Kb / 2P
   240 Amp Schottky Rectifier
HS24230 MICROSEMI-HS24230_11 Datasheet
118Kb / 2P
   240 Amp Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com