Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS24230 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # HS24230
Description  240 Amp Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HS24230 Datasheet(HTML) 1 Page - Microsemi Corporation

  HS24230 Datasheet HTML 1Page - Microsemi Corporation HS24230 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39.62
19.69
Maximum
Sq.
Dia.
19.18
30.28
4.06
14.73
4.06
15.88
38.61
18.42
Minimum
Millimeter
3.96
13.34
3.86
18.92
30.02
15.37
Dia.
3.30
12.83
3.05
12.57
1.52
.725
.745
1.182
.156
.525
.152
.605
B
A
D
E
G
J
H
F
C
Dim. Inches
Minimum
.120
.495
K
L
1.56
.130
.160
.580
.160
1.192
.625
.505
1/4-20 UNC-2B
.755
.775
Maximum
Notes
Base is anode
Std. Polarity
Rev. Polarity
Base is cathode
B
D
J
G
C
F
K
L
E
A
H
ROHS Compliant
*Add Suffix R for Reverse Polarity
Schottky Barrier Rectifier
Guard Ring Protection
240 Amperes/30 Volts
Reverse Energy Tested
150°C Junction Temperature
Microsemi
242NQ030
Catalog Number
30V
Repetitive Peak
Reverse Voltage
HS24230*
Catalog Number
Microsemi
Reverse Voltage
Working Peak
30V
*Pulse test: Pulse width 300µsec, Duty cycle 2%
FM = 240A:
J = 125°C*
R
T
T
T
T
T
I
I
V
V
V
T
T
FM = 240A:
J = 25°C*
R = 5.0V,
C = 25°C
RRM,
J = 25°C
RRM,
J = 125°C*
f = 1 KHZ, 25°C
8.3ms, half sine,
J = 150°C
C = 84°C, Square wave,
0JC = .24°C/W
I
I F(AV)
I
VFM
FM
V
I
C
I
RM
RM
R(OV)
FSM
J
Typical junction capacitance
Maximum repetitive reverse current
Average forward current
Max peak forward voltage
Max peak forward voltage
Max peak reverse current
Max peak reverse current
Maximum surge current
12mA
0.55 Volts
240 Amps
Electrical Characteristics
2 Amps
3 Amp
10500pF
3500 Amps
0.49 Volts
Thermal and Mechanical Characteristics
0.24°C/W
0.12°C/W
Case to sink
-55°C to 150°C
-55°C to 150°C
Junction to case
20-25 inch pounds
1.1 ounces (32 grams) typical
35-40 inch pounds
T
R
R
J
T
OCS
STG
OJC
Operating junction temp range
Typical thermal resistance (greased)
Max thermal resistance
Storage temp range
Weight
Mounting Base Torque
Terminal Torque
HS24230
240 Amp Schottky Rectifier
January, 2011 - Rev. 5
www.microsemi.com


Similar Part No. - HS24230

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS24230 MICROSEMI-HS24230 Datasheet
127Kb / 2P
   240 Amp Schottky Rectifier
More results

Similar Description - HS24230

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS24380 MICROSEMI-HS24380_11 Datasheet
117Kb / 2P
   240 Amp Schottky Rectifier
HS247180 MICROSEMI-HS247180_11 Datasheet
116Kb / 2P
   240 Amp Schottky Rectifier
HS24230 MICROSEMI-HS24230 Datasheet
127Kb / 2P
   240 Amp Schottky Rectifier
HS24135 MICROSEMI-HS24135 Datasheet
138Kb / 2P
   240 AMP SCHOTTKY RECTIFIER
HS24035 MICROSEMI-HS24035 Datasheet
141Kb / 2P
   240 AMP SCHOTTKY RECTIFIER
HS24515 MICROSEMI-HS24515_11 Datasheet
118Kb / 2P
   240 Amp Schottky Rectifier
HS246150 MICROSEMI-HS246150_11 Datasheet
116Kb / 2P
   240 Amp Schottky Rectifier
HS24135 MICROSEMI-HS24135_11 Datasheet
117Kb / 2P
   240 Amp Schottky Rectifier
HS24380 MICROSEMI-HS24380 Datasheet
129Kb / 2P
   240 Amp Schottky Rectifier
HS24035 MICROSEMI-HS24035_11 Datasheet
118Kb / 2P
   240 Amp Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com