Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS183100 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # HS183100
Description  180 Amp Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HS183100 Datasheet(HTML) 2 Page - Microsemi Corporation

  HS183100 Datasheet HTML 1Page - Microsemi Corporation HS183100 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Average Forward Current - Amperes
300
DC
120
90
180
240
280
200
120
160
Figure 5
Maximum Forward Power Dissipation
240
120
180
60
80
0
40
0
60
Reverse Voltage - Volts
175 C
Figure 2
1000
100
125 C
1.0
10
Typical Reverse Characteristics
100
80
60
20
75 C
25 C
.01
0.1
0
40
Average Forward Current - Amperes
175
165
145
155
Figure 4
Forward Current Derating
300
DC
240
180
90
120
120
180
60
60
135
115
125
105
0
0.1
100
60,000
100,000
40,000
Figure 3
Typical Junction Capacitance
50
10
5.0
1.0
0.5
10,000
4000
6000
2000
1000
Reverse Voltage - Volts
20,000
Instantaneous Forward Voltage - Volts
Figure 1
10000
8000
6000
Typical Forward Characteristics
25 C
2000
1000
800
600
175 C
200
400
60
80
100
4000
1.4
1.2
.8
1.0
.4
.2
20
40
0
10
.6
HS18380-HS183100
January, 2011 - Rev. 5
www.microsemi.com


Similar Part No. - HS183100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS183100 MICROSEMI-HS183100 Datasheet
119Kb / 2P
   180 Amp Schottky Rectifier
More results

Similar Description - HS183100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS18035 MICROSEMI-HS18035_11 Datasheet
118Kb / 2P
   180 Amp Schottky Rectifier
HS18230 MICROSEMI-HS18230_11 Datasheet
118Kb / 2P
   180 Amp Schottky Rectifier
HS18230 MICROSEMI-HS18230 Datasheet
126Kb / 2P
   180 Amp Schottky Rectifier
HS18380 MICROSEMI-HS18380 Datasheet
119Kb / 2P
   180 Amp Schottky Rectifier
HS18135 MICROSEMI-HS18135_11 Datasheet
117Kb / 2P
   180 Amp Schottky Rectifier
HS18035 MICROSEMI-HS18035 Datasheet
134Kb / 2P
   180 AMP SCHOTTKY RECTIFIER
HS18515 MICROSEMI-HS18515_11 Datasheet
118Kb / 2P
   180 Amp Schottky ORing Rectifier
HS18135 MICROSEMI-HS18135 Datasheet
131Kb / 2P
   180 Amp Schottky OR,ing Rectifier
logo
Vishay Siliconix
180NQ045PBF VISHAY-180NQ045PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 180 A
Revision: 28-Apr-08
183NQ100PBF VISHAY-183NQ100PBF Datasheet
112Kb / 6P
   Schottky Rectifier, 180 A
Revision: 06-May-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com