Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS18515 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # HS18515
Description  180 Amp Schottky ORing Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HS18515 Datasheet(HTML) 1 Page - Microsemi Corporation

  HS18515_11 Datasheet HTML 1Page - Microsemi Corporation HS18515_11 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
39.62
19.69
Maximum
Sq.
Dia.
19.18
30.28
4.06
14.73
4.06
15.88
38.61
18.42
Minimum
Millimeter
3.96
13.34
3.86
18.92
30.02
15.37
Dia.
3.30
12.83
3.05
12.57
1.52
.725
.745
1.182
.156
.525
.152
.605
B
A
D
E
G
J
H
F
C
Dim. Inches
Minimum
.120
.495
K
L
1.56
.130
.160
.580
.160
1.192
.625
.505
1/4-20 UNC-2B
.755
.775
Maximum
Notes
Rev. Polarity
L
Base is anode
Std. Polarity
Base is cathode
B
D
J
G
C
F
K
E
A
H
ROHS Compliant
125°C Operation (Vr<5V)
Industry
185NQ015
Part Number
*Add Suffix R for Reverse Polarity
0.29V Vf@180A, 100°C
Schottky Barrier Rectifier
Optimized for Or'ing applications
Guard ring protection
15V
HS18515*
Catalog Number
Microsemi
15V
Reverse Voltage
Working Peak
Repetitive Peak
Reverse Voltage
50mA
T
RRM,
J = 25°C
V
T
R = 5.0V,
J = 25°C
V
T
RRM,
J = 100°C*
V
T
R = 5.0V,
J = 100°C*
V
C = 71°C, Vr = 15V
T
100mA
RM
I
RM
I
180 Amps
Average forward current
F(AV)
I
Typical junction capacitance
Max peak reverse current
*
*
T
T
T
T
I
I
VR = 5.0V, J = 25°C
T
f = 1 KHz, 25°C, 1µsec square wave
8.3 ms, half sine
J = 100°C
FM = 180A: J = 25°C
FM = 180A: J = 100°C
C = 80°C, Vr = 5V
I
IF(AV)
2700mA
I
FM
V
IRM
C
IRM
VFM
R(0V)
FSM
J
Max peak reverse current
Max peak forward voltage
Max repetitive reverse current
Max peak reverse current
Max peak reverse current
Max peak forward voltage
Maximum surge current
Average forward current
*Pulse test: Pulse width 300µs, Duty cycle 2%
2 Amps
Electrical Characteristics
180 Amps
2500 Amp
0.36 Volts
0.29 Volts
5000mA
14,300pF
Thermal and Mechanical Characteristics
0.12°C/W
0.3°C/W
T
J
T
STG
CS
O
R
JC
O
R
35-40 inch pounds
Case to sink
-55°C to 125°C
-55°C to 150°C
1.0 ounces (25.3 grams) typical
20-25 inch pounds
Storage temp range
Terminal torque
Operating temperature range (Vr<5V)
Maximum thermal resistance
Typical thermal resistance (greased)
Weight
Mounting torque
180 Amp Schottky OR'ing Rectifier
HS18515
January, 2011 - Rev. 7
www.microsemi.com


Similar Part No. - HS18515_11

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
HS18515 MICROSEMI-HS18515 Datasheet
132Kb / 2P
   180Amp Schottky ORING Rectifier
More results

Similar Description - HS18515_11

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS2015 MICROSEMI-MS2015 Datasheet
136Kb / 2P
   20 Amp Schottky ORing Rectifier
LSM315 MICROSEMI-LSM315 Datasheet
101Kb / 2P
   3 AMP SCHOTTKY ORING RECTIFIER
HS12510 MICROSEMI-HS12510 Datasheet
144Kb / 2P
   120 Amp Schottky ORing Rectifier
LSM615 MICROSEMI-LSM615 Datasheet
104Kb / 2P
   6 Amp Schottky ORING Rectifier
HS12510 MICROSEMI-HS12510_11 Datasheet
118Kb / 2P
   120 Amp Schottky ORing Rectifier
FST8515 MICROSEMI-FST8515_10 Datasheet
121Kb / 2P
   80 Amp Schottky ORing Rectifier
UPS615 MICROSEMI-UPS615 Datasheet
108Kb / 2P
   6 Amp Schottky ORing Rectifier
HS18035 MICROSEMI-HS18035_11 Datasheet
118Kb / 2P
   180 Amp Schottky Rectifier
HS18230 MICROSEMI-HS18230_11 Datasheet
118Kb / 2P
   180 Amp Schottky Rectifier
HS18230 MICROSEMI-HS18230 Datasheet
126Kb / 2P
   180 Amp Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com