Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD74106RGMT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCD74106RGMT
Description  Synchronous-Buck Power Stage External Bias Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD74106RGMT Datasheet(HTML) 3 Page - Texas Instruments

  UCD74106RGMT Datasheet HTML 1Page - Texas Instruments UCD74106RGMT Datasheet HTML 2Page - Texas Instruments UCD74106RGMT Datasheet HTML 3Page - Texas Instruments UCD74106RGMT Datasheet HTML 4Page - Texas Instruments UCD74106RGMT Datasheet HTML 5Page - Texas Instruments UCD74106RGMT Datasheet HTML 6Page - Texas Instruments UCD74106RGMT Datasheet HTML 7Page - Texas Instruments UCD74106RGMT Datasheet HTML 8Page - Texas Instruments UCD74106RGMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
UCD74106
www.ti.com
SLUSAJ5
– MAY 2011
THERMAL INFORMATION
UCD74106
THERMAL METRIC(1)
RGM
UNITS
13 PINS
θJA
Junction-to-ambient thermal resistance(2)
70.2
θJCtop
Junction-to-case (top) thermal resistance(3)
47.3
θJB
Junction-to-board thermal resistance(4)
11.0
°C/W
ψJT
Junction-to-top characterization parameter(5)
0.9
ψJB
Junction-to-board characterization parameter(6)
11.0
θJCbot
Junction-to-case (bottom) thermal resistance(7)
0.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining
θJA , using a procedure described in JESD51-2a (sections 6 and 7).
(7)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VIN
Power input voltage
Internally generated VGG
4.5
12
16
VIN
Power input voltage
Externally supplied VGG
2.2
12
16
V
VG
Externally supplied gate drive voltage
4.5
6.2
G
TJ
Operating junction temperature range
-40
125
◦C
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UCD74106


Similar Part No. - UCD74106RGMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74111 TI-UCD74111 Datasheet
843Kb / 22P
[Old version datasheet]   High-Current, Synchronous Buck Power Stage
UCD74111RVFR TI-UCD74111RVFR Datasheet
843Kb / 22P
[Old version datasheet]   High-Current, Synchronous Buck Power Stage
UCD74111RVFT TI-UCD74111RVFT Datasheet
843Kb / 22P
[Old version datasheet]   High-Current, Synchronous Buck Power Stage
UCD74120 TI-UCD74120 Datasheet
876Kb / 22P
[Old version datasheet]   High-Current, Synchronous Buck Power Stage
UCD74120RVFR TI-UCD74120RVFR Datasheet
876Kb / 22P
[Old version datasheet]   High-Current, Synchronous Buck Power Stage
More results

Similar Description - UCD74106RGMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96370Q5M_1110 TI-CSD96370Q5M_1110 Datasheet
1,004Kb / 19P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370AQ5M TI-CSD97370AQ5M Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD96371Q5M TI-CSD96371Q5M_15 Datasheet
1Mb / 19P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97376Q4M TI-CSD97376Q4M Datasheet
917Kb / 19P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97374Q4M TI-CSD97374Q4M Datasheet
931Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
CSD97370AQ5M TI-CSD97370AQ5M_15 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD95375Q4M TI-CSD95375Q4M Datasheet
911Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97370Q5M TI1-CSD97370Q5M Datasheet
923Kb / 22P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
JUNE2011
CSD96370Q5M TI-CSD96370Q5M Datasheet
950Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET??Power Stage
CSD97396Q4M TI1-CSD97396Q4M Datasheet
497Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Stage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com