Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC1503 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC1503
Description  CONTROL DEVICES 30 Volt Abrupt Junction Tuning Varactors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC1503 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC1503 Datasheet HTML 1Page - Microsemi Corporation GC1503 Datasheet HTML 2Page - Microsemi Corporation GC1503 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GC1500A – GC1513
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
CONTROL DEVICES
30 Volt Abrupt Junction Tuning Varactors
TM
®
Copyright
 2006
Rev: 2009-01-19
RoHS Compliant
ELECTRICAL CHARACTERISTICS @ 25º C
Model Number
CT -4
+ / - 10%
Quality Factor
3
(Min)
Capacitance Ratio
2
(Min)
(Note 2)
@ -4V
(pF)
@-4V, 50 MHz
CT0 / CT-30
GC1500A – 00
4
0.4
5000
4.2
GC1500B
0.6
4000
3.0
GC1500
0.8
3900
3.3
GC1501
1.0
3800
3.4
GC1502
1.2
3800
3.4
GC1503
1.5
3600
3.5
GC1504
1.8
3500
3.5
GC1505
2.2
3500
3.7
GC1506
2.7
3300
3.7
GC1507
3.3
3100
3.8
GC1508
3.9
2700
3.9
GC1509
4.7
2600
3.9
GC1510
5.6
2600
4.0
GC1511
6.8
2400
4.0
GC1512
8.2
2200
4.0
GC1513
10.0
2200
4.2
Notes
1)
When ordering, specify the desired case style suffix to the model. (eg. GC1501 – 30)
2)
Capacitance values include a package capacitance of 0.18 pF. Capacitance is measures at F = 1 MHz.
3)
Q is calculated from:
a.
Q =
1
4
4
2
/
Cj
fRs
b.
RS is measured using @ 1 GHz using transmission loss techniques.
c.
Capacitances is measured at 1 MHz
4)
GC1500A is only available in chip form. (GC1500A – 00)


Similar Part No. - GC1503

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC1503 MICROSEMI-GC1503 Datasheet
122Kb / 2P
   30 VOLT ABRUPT JUNCTION VARACTOR DIODES
More results

Similar Description - GC1503

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC1600A MICROSEMI-GC1600A Datasheet
157Kb / 3P
   CONTROL DEVICES 45 Volt Abrupt Junction Tuning Varactors
GC1700A MICROSEMI-GC1700A Datasheet
138Kb / 3P
   CONTROL DEVICES 60 Volt Abrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405 Datasheet
100Kb / 5P
   Abrupt Junction Tuning Varactors
SMV1493 SKYWORKS-SMV1493 Datasheet
64Kb / 5P
   Abrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1405 ALPHA-SMV1405 Datasheet
480Kb / 3P
   Abrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405_16 Datasheet
726Kb / 10P
   Plastic Packaged Abrupt Junction Tuning Varactors
logo
Siemens Semiconductor G...
BBY24-BBY27 SIEMENS-BBY24-BBY27 Datasheet
15Kb / 2P
   Silicon Tuning Varactors (Abrupt junction tuning diode Tuning range 120 V)
logo
Tyco Electronics
MA46600 MACOM-MA46600 Datasheet
64Kb / 3P
   GaAs Abrupt Tuning Varactors
MA45430 MACOM-MA45430 Datasheet
68Kb / 2P
   Surface Mount Abrupt Tuning Varactors
MA46600 MACOM-MA46600_1 Datasheet
73Kb / 2P
   GaAs, High Q Abrupt Tuning Varactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com