Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73501DRBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73501DRBR
Description  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73501DRBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS73501DRBR Datasheet HTML 3Page - Texas Instruments TPS73501DRBR Datasheet HTML 4Page - Texas Instruments TPS73501DRBR Datasheet HTML 5Page - Texas Instruments TPS73501DRBR Datasheet HTML 6Page - Texas Instruments TPS73501DRBR Datasheet HTML 7Page - Texas Instruments TPS73501DRBR Datasheet HTML 8Page - Texas Instruments TPS73501DRBR Datasheet HTML 9Page - Texas Instruments TPS73501DRBR Datasheet HTML 10Page - Texas Instruments TPS73501DRBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
500
450
400
350
300
250
200
150
100
50
0
-40 -25 -10
5
20
35
50
65
80
95
110 125
T (
)
J
C
°
V
IN =6.5V
V
EN =0.4V
V
IN =5.0V
V
IN =3.3V
60
50
40
30
20
10
0
0
50
100
150
200
250
300
350
400
450
500
I
(mA)
OUT
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
T
J =0 C
°
T
J =+25 C
°
400
350
300
250
200
150
100
50
0
0
50
100
150
200
250
300
350
400
450
500
I
(mA)
OUT
T
J =
40 C
-
°
T
J =+125 C
°
T
J =+85 C
°
T
J =0 C
°
T
J =+25 C
°
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
90
80
70
60
50
40
30
20
10
0
C
=2.2 F
OUT
m
C
=0.01 F
NR
m
I
=250mA
OUT
I
=
100mA
OUT
I
=
500mA
OUT
I
=200mA
OUT
I
=1mA
OUT
TPS735xx
www.ti.com
SBVS087J
– JUNE 2008 – REVISED MAY 2011
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ= –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN,COUT = 2.2μF, CNR = 0.01μF, unless otherwise noted. For TPS73501, VOUT = 2.8V. The TPS73525 is used as the
evaluation target of the fixed-voltage option in this datasheet. However, this voltage option may not be released. Check the
Package Option Addendum at the end of this document for the availability of the 2.5V version.Typical values are at TJ =
+25
°C.
TPS73525 GROUND PIN CURRENT vs
TPS73525 GROUND PIN CURRENT (DISABLE) vs
OUTPUT CURRENT
TEMPERATURE
Figure 7.
Figure 8.
TPS73501 DROPOUT VOLTAGE vs
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
OUTPUT CURRENT
(VIN – VOUT = 1.0V)
Figure 9.
Figure 10.
Copyright
© 2008–2011, Texas Instruments Incorporated
7


Similar Part No. - TPS73501DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73501DRBR TI-TPS73501DRBR Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501DRBR TI-TPS73501DRBR Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS73501DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73501 TI-TPS73501 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com