Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65735RSNT Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS65735RSNT
Description  PMU For Active Shutter 3D Glasses
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65735RSNT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65735RSNT Datasheet HTML 6Page - Texas Instruments TPS65735RSNT Datasheet HTML 7Page - Texas Instruments TPS65735RSNT Datasheet HTML 8Page - Texas Instruments TPS65735RSNT Datasheet HTML 9Page - Texas Instruments TPS65735RSNT Datasheet HTML 10Page - Texas Instruments TPS65735RSNT Datasheet HTML 11Page - Texas Instruments TPS65735RSNT Datasheet HTML 12Page - Texas Instruments TPS65735RSNT Datasheet HTML 13Page - Texas Instruments TPS65735RSNT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
TPS65735
SLVSAI6
– JUNE 2011
www.ti.com
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOVP
Input over-voltage protection
VVIN: 5 V → 7 V
6.4
6.6
6.8
V
threshold
VHYS-OVP
Hysteresis on OVP
VVIN: 11 V → 5 V
105
mV
VDO(VIN-
VIN pin to SYS pin dropout voltage
ISYS = 150 mA (including IBAT)
350
mV
SYS)
VVIN – VSYS
VVIN = 4.35 V
VBAT = 3.6 V
VDO(BAT-
BAT pin to SYS pin dropout voltage
ISYS = 100 mA
150
mV
SYS)
VBAT – VSYS
VVIN = 0 V
VBAT > 3 V
IVIN(MAX)
Maximum power path input current
VVIN = 5 V
200
mA
at pin VIN
VSUP(ENT)
Enter battery supplement mode
VSYS
V
(VBAT - 40
mV)
VSUP(EXIT)
Exit battery supplement mode
VSYS
V
(VBAT - 20
mV)
VSUP(SC)
Output short-circuit limit in
250
mV
supplement mode
VO(SC)
Output short-circuit detection
0.9
V
threshold, power-on
BATTERY CHARGER
ICC
Active supply current into VIN pin
VVIN = 5 V
2
mA
No load on SYS pin
VBAT > VBAT(REG)
IBAT(SC)
Source current for BAT pin
1
mA
short-circuit detection
VBAT(SC)
BAT pin short-circuit detection
1.6
1.8
2.0
V
threshold
VBAT(REG)
Battery charger output voltage
–1%
4.20
1%
V
VLOWV
Pre-charge to fast-charge transition
2.9
3.0
3.1
V
threshold
ICHG
Charger fast charge current range
VVIN = 5 V
5
100
mA
ICHG = KISET / RISET
VBAT(REG) > VBAT > VLOWV
KISET
Battery fast charge current set factor VVIN = 5 V
–20%
450
20%
A
Ω
ICHG = KISET / RISET
IVIN(MAX) > ICHG
ICHG = 100 mA
No load on SYS pin, thermal loop
not active.
IPRECHG
Pre-charge current
0.07
×
0.10
×
0.15
×
mA
ICHG
ICHG
ICHG
ITERM
Charge current value for termination
ICHG = 100 mA
7
10
15
mA
detection threshold
VRCH
Recharge detection threshold
VBAT below nominal charger voltage,
55
100
170
mV
VBAT(REG)
IBAT(DET)
Sink current for battery detection
1
mA
tCHG
Charge safety timer
18000
s
(18000 seconds = 5 hours)
tPRECHG
Pre-charge timer
1800
s
(1800 seconds = 30 minutes)
VDPPM
DPPM threshold
VBAT +
V
100 mV
ILEAK(nCHG) Leakage current for nCHG_STAT
VnCHG_STAT = 4.2 V
100
nA
pin
CHG_EN = LOW (Charger disabled)
RDSON(nCH
On resistance for nCHG_STAT
20
60
Ω
G)
MOSFET switch
10
POWER MANAGEMENT CORE
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TPS65735


Similar Part No. - TPS65735RSNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65735RSNT TI1-TPS65735RSNT Datasheet
1Mb / 39P
[Old version datasheet]   PMU for Active Shutter 3D Glasses
More results

Similar Description - TPS65735RSNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65735 TI1-TPS65735_16 Datasheet
1Mb / 39P
[Old version datasheet]   PMU for Active Shutter 3D Glasses
TPS65835 TI1-TPS65835 Datasheet
1Mb / 62P
[Old version datasheet]   Advanced PMU With Integrated MSP430 For Active Shutter 3D Glasses
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
logo
Holtek Semiconductor In...
HT45FH3T HOLTEK-HT45FH3T Datasheet
4Mb / 131P
   3D Glasses 8-bit Flash Type MCU
logo
List of Unclassifed Man...
60159 ETC1-60159 Datasheet
7Mb / 2P
   SAFETY GLASSES
Rev. 05/20 A
logo
EM Microelectronic - MA...
EM4083 EMMICRO-EM4083 Datasheet
83Kb / 1P
   3D Active Long Range Front-End
logo
Texas Instruments
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS65720 TI-TPS65720 Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com