Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65253RHDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65253RHDR
Description  4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65253RHDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65253RHDR Datasheet HTML 6Page - Texas Instruments TPS65253RHDR Datasheet HTML 7Page - Texas Instruments TPS65253RHDR Datasheet HTML 8Page - Texas Instruments TPS65253RHDR Datasheet HTML 9Page - Texas Instruments TPS65253RHDR Datasheet HTML 10Page - Texas Instruments TPS65253RHDR Datasheet HTML 11Page - Texas Instruments TPS65253RHDR Datasheet HTML 12Page - Texas Instruments TPS65253RHDR Datasheet HTML 13Page - Texas Instruments TPS65253RHDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
0.01
0.02
0.03
0.04
0
1
2
3
4
Output Current (A)
1.2V
3.3V
5V
0.01
0.02
0.03
0.04
0
1
2
3
Output Current (A)
1.2V
3.3V
5V
1.175
1.2
1.225
0
1
2
3
4
Output Current (A)
Buck1,-40°C
Buck1,25°C
Buck1,85°C
Buck2,-40°C
Buck2,25°C
Buck2,85°C
1.76
1.78
1.8
1.82
0
1
2
3
4
Output Current (A)
Buck1,-40°C
Buck1,25 C
°
Buck1,85 C
°
Buck2,-40 C
°
Buck2,25 C
°
Buck2,85 C
°
3.3
3.35
3.4
0
1
2
3
4
Output Current (A)
Buck1,-40°C
Buck1,25 C
°
Buck1,85 C
°
Buck2,-40 C
°
Buck2,25 C
°
Buck2,85 C
°
4.9
4.95
5
5.05
5.1
0
1
2
3
4
Output Current (A)
Buck1,-40°C
Buck1,25 C
°
Buck1,85 C
°
Buck2,-40 C
°
Buck2,25 C
°
Buck2,85 C
°
TPS65253
SLVSAW8
– JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VIN = 12 V, fSW = 500 kHz, LO = 2.2 µH, DCR = 15 mΩ, CO = 44 µF (unless otherwise specified)
Buck 1 Output Ripple
Buck 2 Output Ripple
vs
vs
VOUT
VOUT
Figure 7.
Figure 8.
Output Voltage (1.2 V)
Output Voltage (1.8 V)
vs
vs
TA
TA
Figure 9.
Figure 10.
Output Voltage (3.3 V)
Output Voltage (5 V)
vs
vs
TA
TA
Figure 11.
Figure 12.
10
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS65253RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
More results

Similar Description - TPS65253RHDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65253 TI-TPS65253_15 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK CONVERTER WITH INTEGRATED FETS
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
TPS56121 TI1-TPS56121_14 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56221 TI1-TPS56221 Datasheet
661Kb / 25P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS56121 TI1-TPS56121 Datasheet
477Kb / 22P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
TPS65251 TI-TPS65251_15 Datasheet
2Mb / 35P
[Old version datasheet]   TPS65251 4.5-V to 18-V Input, High-Current, Synchronous Step-Down Three Buck Switcher With Integrated FET
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
TPS65252 TI-TPS65252_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS65252 TI1-TPS65252 Datasheet
924Kb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN DUAL BUCK SWITCHER WITH INTEGRATED FET AND ONE USB SWITCH AND SVS
TPS56121 TI-TPS56121_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS56121 4.5-V to 14-V Input High-Current Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com