Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

403CNQ080 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 403CNQ080
Description  Schottky PowerMod
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

403CNQ080 Datasheet(HTML) 1 Page - Microsemi Corporation

  403CNQ080 Datasheet HTML 1Page - Microsemi Corporation 403CNQ080 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
Reverse Voltage
Repetitive Peak
Electrical Characteristics
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Schottky PowerMod
Baseplate
Common Cathode
Baseplate
A=Common Anode
Baseplate
D=Doubler
Baseplate: Nickel plated
copper
4400 pF
5.0 mA
50 mA
.69 Volts
.89 Volts
2 Amps
3000 Amps
200 Amps
400 Amps
Thermal and Mechanical Characteristics
CPT40080-CPT400100
*Add Suffix A for Common Anode, D for Doubler
Average forward current per pkg
Average forward current per leg
Maximum surge current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical junction capacitance per leg
Maximum repetitive reverse current per leg
Mounting Base Torque (center hole)
center hole must be torqued first
Weight
Mounting Base Torque (outside holes)
Terminal Torque
Typical thermal resistance (greased)
Max thermal resistance per leg
Operating junction temp range
Storage temp range
STG
OCS
OJC
R
R
TJ
T
CJ
F(AV)
FSM
R(OV)
V
I
I
RM
RM
FM
V
I
I
FM
F(AV)
I
I
Catalog Number
H
Q
Working Peak
Reverse Voltage
90V
80V
100V
CPT40090*
CPT40080*
CPT400100*
Microsemi
U
N
W
F
V
E
Notes:
90V
80V
100V
U
C
B
G
R
A
C = 121°C, Square wave,
0JC = 0.16°C/W
C = 121°C, Square wave,
0JC = 0.32°C/W
30-40 inch pounds
2.8 ounces (77 grams) typical
8-10 inch pounds
8.3ms, half sine, J = 175°C
f = 1 KHZ, 25°C, 1µsec square wave
FM = 200A: J = 25°C*
FM = 200A: J = 175°C*
RRM, J = 125°C*
R = 5.0V, C = 25°C
Case to sink
Junction to case
-55°C to 175°C
-55°C to 175°C
35-50 inch pounds
0.08°C/W
0.32°C/W
V
T
RRM, J = 25°C
V
V
I
I
T
T
T
T
T
T
T
R
R
Dia.
Dia.
Notes
1/4-20
0.800
0.630
0.130
0.510
---
0.290
---
0.195
3.150 BSC
---
0.340
N
U 0.600
0.312
0.180
W
V
0.275
---
Q
R
1.375 BSC
0.490
0.010
G
H
F
0.700
---
0.120
C
E
B
34.92 BSC
80.01 BSC
15.24
7.92
4.57
---
6.99
17.78
---
3.05
12.45
0.25
7.37
---
4.95
---
8.64
20.32
16.00
3.30
12.95
---
Dim. Inches
3.630
Max.
Min.
---
A
Millimeters
---
Min.
92.20
Max.
Max thermal resistance per pkg
OJC
Junction to case
0.16°C/W
R
Part Number
MBR40080CT
403CNQ080
403CNQ100
Industry
MBRP400100CTL
MBR400100CT
175°C Junction Temperature
400 Amperes/80-100 Volts
Reverse Energy Tested
Guard Ring Protection
Schottky Barrier Rectifier
January, 2010 - Rev. 7
www.microsemi.com


Similar Part No. - 403CNQ080

ManufacturerPart #DatasheetDescription
logo
International Rectifier
403CNQ080 IRF-403CNQ080 Datasheet
139Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
403CNQ080 SMC-403CNQ080 Datasheet
90Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 403CNQ080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
   Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
   Schottky PowerMod
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
   Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
   Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
   Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
   SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
   Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
   Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
   Schottky PowerMod
FST20035 MICROSEMI-FST20035_10 Datasheet
120Kb / 2P
   Schottky PowerMod
CPT20080 MICROSEMI-CPT20080_10 Datasheet
123Kb / 2P
   Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com