Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65180 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS65180
Description  PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65180 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65180 Datasheet HTML 4Page - Texas Instruments TPS65180 Datasheet HTML 5Page - Texas Instruments TPS65180 Datasheet HTML 6Page - Texas Instruments TPS65180 Datasheet HTML 7Page - Texas Instruments TPS65180 Datasheet HTML 8Page - Texas Instruments TPS65180 Datasheet HTML 9Page - Texas Instruments TPS65180 Datasheet HTML 10Page - Texas Instruments TPS65180 Datasheet HTML 11Page - Texas Instruments TPS65180 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
TPS65180, TPS65181, TPS65180B, TPS65181B
SLVSA76F
– MARCH 2010 – REVISED FEBRUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.7 V, TA = –10°C to 85ºC, Typical values are at TA = 25ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILIMIT
Output current limit
200
mA
TSS
Soft start time
1
ms
C
Recommended output capacitor
4.7
µF
LDO2 (VNEG)
VNEG_IN
Input voltage range
-17.85
-17
-16.15
V
VIN = –17 V,
VSET
Output voltage set value
-15.75
-15
-14.25
V
VNEG_SET[2:0] = 0x0h to 0x7h
VINTERVAL
Output voltage set resolution
VIN = –17 V
250
mV
VNEG_OUT
Output voltage range
VSET = –15 V, ILOAD = –20 mA
-15.15
-15
-14.85
V
VOUTTOL
Output tolerance
VSET = –15 V, ILOAD = –20 mA
-1
1
%
VDROPOUT
Dropout voltage
ILOAD = 120 mA
250
mV
VLOADREG
Load regulation
– DC
ILOAD = 10% to 90%
1
%
ILOAD
Load current range
120
mA
ILIMIT
Output current limit
200
mA
TSS
Soft start time
1
ms
C
Recommended output capacitor
4.7
µF
LD01 (POS) AND LDO2 (VNEG) TRACKING
Difference between VPOS and
VSET = ±15 V,
VDIFF
-50
50
mV
VNEG
ILOAD = ±20 mA, 0°C to 60°C
VCOM DRIVER
VCOM_SET[7:0] = 0x74h (–1.25 V)
-0.8
0.8
VIN = 3.4 V to 4.2 V, no load
Accuracy
%
VCOM_SET[7:0] = 0x74h (–1.25 V)
-1.5
1.5
VCOM
VIN = 3.0 V to 6.0 V, no load
Output voltage range
-2.5
-0.3
V
Resolution
VCOM_ADJ = 1 V, 1 LSB
11
17
mV
G
VCOM gain (VCOM_XADJ/VCOM)
VCOM_ADJ = 0 V
1
V/V
VCOM SWITCH
VCOM = –1.25 V, VCOM_PANEL = 0 V
TON
Switch ON time
1
ms
CVCOM = 4.7 µF, CVCOM_PANEL = 4.7 µF
RDS(ON)
MOSFET ON resistance
VCOM = –1.245 V, ICOM = 30 mA
20
35
ILIMIT
MOSFET current limit
Not tested in production
200
mA
VCOM = 0 V,
ISWLEAK
Switch leakage current
8.3
nA
VCOM_PANEL = –2.5 V
VIN3P3 TO V3P3 SWITCH
RDS(ON)
MOSFET ON resistance
VIN3P3 = 3.3 V, ID = 2 mA
50
CP1 (VDDH) CHARGE PUMP
VDDH_IN
Input voltage range
16.15
17
17.85
V
Feedback voltage
1
V
VFB
Accuracy
-3
3
%
VDDH_OUT
Output voltage range
VSET = 22 V, ILOAD = 2 mA
21
22
23
V
ILOAD
Load current range
10
mA
fSW
Switching frequency
560
KHz
CD
Recommended driver capacitor
10
nF
CO
Recommended output capacitor
4.7
µF
CP2 (VEE) NEGATIVE CHARGE PUMP
VEE_IN
Input voltage range
-17.75
-17
-16.15
V
8
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS65180 TPS65181 TPS65180B TPS65181B


Similar Part No. - TPS65180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180 Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65180B TI1-TPS65180B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65180BRGZR TI1-TPS65180BRGZR Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65180BRGZR TI1-TPS65180BRGZR Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
More results

Similar Description - TPS65180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65181B TI1-TPS65181B Datasheet
1,011Kb / 44P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
FEBRUARY2011
TPS65185 TI1-TPS65185_16 Datasheet
3Mb / 62P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65185 TI1-TPS65185_17 Datasheet
3Mb / 61P
[Old version datasheet]   PMIC for E Ink Vizplex Enabled Electronic Paper Display
TPS65182 TI1-TPS65182 Datasheet
846Kb / 24P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER DISPLAY
OCTOBER2010
TPS65185 TI1-TPS65185 Datasheet
2Mb / 48P
[Old version datasheet]   PMIC FOR E Ink Vizplex ENABLED ELECTRONIC PAPER
MAY2011
TPS65180 TI-TPS65180 Datasheet
1,006Kb / 42P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65185 TI1-TPS65185_13 Datasheet
2Mb / 52P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65186 TI1-TPS65186 Datasheet
2Mb / 47P
[Old version datasheet]   PMIC FOR E Ink짰 Vizplex??ENABLED ELECTRONIC PAPER DISPLAY
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com