Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPT30090 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CPT30090
Description  Schottky PowerMod
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CPT30090 Datasheet(HTML) 1 Page - Microsemi Corporation

  CPT30090 Datasheet HTML 1Page - Microsemi Corporation CPT30090 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ROHS Compliant
3000 pF
.86 Volts
0.98 Volts
Baseplate
A=Common Anode
Baseplate
Common Cathode
Baseplate
D=Doubler
copper
Baseplate: Nickel plated
*Pulse test: Pulse width 300µsec, Duty cycle 2%
Electrical Characteristics
300 Amps
150 Amps
2000 Amps
2 Amps
75 mA
4.0 mA
Thermal and Mechanical Characteristics
CPT30080-CPT300100
Schottky PowerMod
Average forward current per pkg
Average forward current per leg
Maximum surge current per leg
Max peak forward voltage per leg
Max peak forward voltage per leg
Max peak reverse current per leg
Max peak reverse current per leg
Typical junction capacitance per leg
Maximum repetitive reverse current per leg
Storage temp range
Operating junction temp range
Max thermal resistance per leg
Typical thermal resistance (greased)
Terminal Torque
Mounting Base Torque (outside holes)
Weight
center hole must be torqued first
Mounting Base Torque (center hole)
C
OJC
OCS
STG
R
R
TJ
T
J
F(AV)
FSM
RM
RM
R(OV)
V
I
FM
I
I
FM
V
I
F(AV)
I
I
Catalog Number
H
Q
100V
90V
80V
*Add Suffix A for Common Anode, D for Doubler
Working Peak
Reverse Voltage
CPT300100*
CPT30090*
CPT30080*
Microsemi
U
N
W
F
V
Notes:
E
Reverse Voltage
Repetitive Peak
100V
90V
80V
U
C
B
G
R
A
C = 112°C, Square wave,
0JC = 0.40°C/W
C = 112°C, Square wave,
0JC = 0.20°C/W
30-40 inch pounds
8-10 inch pounds
2.8 ounces (75 grams) typical
35-50 inch pounds
8.3ms, half sine, J = 175°C
f = 1 KHZ, 25°C, 1µsec square wave
FM = 200A: J = 25°C*
FM = 200A: J = 175°C*
RRM, J = 125°C*
RRM, J = 25°C
R = 5.0V, C = 25°C
-55°C to 175°C
-55°C to 175°C
Junction to case
Case to sink
V
0.40°C/W
0.08°C/W
T
I
V
V
I
T
T
T
T
T
T
T
R
R
1/4-20
Notes
Dia.
Dia.
0.340
---
3.150 BSC
0.195
---
0.290
---
0.510
0.130
0.630
0.800
N
0.600
U
0.180
0.312
W
V
---
0.275
Q
R
1.375 BSC
0.010
0.490
G
H
F
0.120
---
0.700
C
E
B
80.01 BSC
34.92 BSC
---
4.57
7.92
15.24
6.99
0.25
12.45
3.05
---
17.78
8.64
---
4.95
---
7.37
---
12.95
3.30
16.00
20.32
Max.
3.630
Dim. Inches
Min.
---
A
Millimeters
Min.
---
Max.
92.20
Max thermal resistance per pkg
OJC
R
Junction to case
0.20°C/W
Part Number
303CNQ080
Industry
MBR30080CT
303CNQ0100
MBR300100CT
Reverse Energy Tested
175°C Junction Temperature
Guard Ring Protection
Schottky Barrier Rectifier
300 Amperes/80 to 100 Volts
January, 2010 - Rev. 6
www.microsemi.com


Similar Part No. - CPT30090

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
CPT30090 MCC-CPT30090 Datasheet
139Kb / 3P
   300 Amp Rectifier 30 to 90 Volts Schottky Barrier
logo
Microsemi Corporation
CPT30090 MICROSEMI-CPT30090 Datasheet
149Kb / 2P
   Schottky PowerMod
More results

Similar Description - CPT30090

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
   Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
   Schottky PowerMod
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
   Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
   Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
   Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
   SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
   Schottky PowerMod
CPT30060 MICROSEMI-CPT30060_10 Datasheet
123Kb / 2P
   Schottky PowerMod
FST15230 MICROSEMI-FST15230_10 Datasheet
120Kb / 2P
   Schottky PowerMod
FST20035 MICROSEMI-FST20035_10 Datasheet
120Kb / 2P
   Schottky PowerMod
CPT20080 MICROSEMI-CPT20080_10 Datasheet
123Kb / 2P
   Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com