Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

225CNQ015 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 225CNQ015
Description  Schottky ORing PowerMod
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

225CNQ015 Datasheet(HTML) 1 Page - Microsemi Corporation

  225CNQ015 Datasheet HTML 1Page - Microsemi Corporation 225CNQ015 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermal and Mechanical Characteristics
RM 3.0 Amps
R(OV) 2 Amps
FSM 2000 Amps
F(AV) 100 Amps
F(AV) 200 Amps
*Pulse test: Pulse width 300 µsec, Duty cycle 2%
Electrical Characteristics
Reverse Voltage
Repetitive Peak
copper
Baseplate: Nickel plated
D=Doubler
Baseplate
Common Cathode
Baseplate
A=Common Anode
Baseplate
CPT20010 & CPT20015
Schottky OR'ing PowerMod
*Add Suffix A for Common Anode, D for Doubler
Terminal Torque
Mounting Base Torque (outside holes)
center bolt must be torqued first
Mounting Base Torque (center hole)
Weight
Max thermal resistance per leg
Max thermal resistance per pkg
per leg
current per leg
per leg
per leg
per leg
per leg
per leg
per pkg
Storage temp range
Operation junction temp range
Typical thermal resistance (greased)
Typical junction capacitance per leg
Max peak reverse current
Maximum repetitive reverse
Average forward current
Maximum surge current
Max peak forward voltage
Max peak forward voltage
Max peak reverse current
Average forward current
0
R JC
0
0
R
R
CS
JC
STG
J
T
T
J 9200 pF
C
RM 10 mA
FM .55 Volts
FM .40 Volts
I
I
V
I
V
l
l
l
Catalog Number
H
Q
Working Peak
Reverse Voltage
15V
10V
CPT20015*
CPT20010*
Microsemi
V
U
N
W
F
E
15V
10V
Notes:
U
C
B
G
R
A
35-50 inch pounds
8-10 inch pounds
30-40 inch pounds
2.8 ounces (75 grams) typical
-55°C to 150°C
-55°C to 175°C
Junction to case
Junction to case
Case to sink
RRM, J = 125°C*
RRM, J = 25°C
8.3ms, half sine, J = 150°C
FM = 200A: J = 150°C*
FM = 200A: J = 25°C*
R = 5.0V, J = 25°C
V
0.5°C/W
0.25°C/W
0.08°C/W
T
I
V
V
I
T
T
C = 125°C, Square wave, 0JC = 0.5°C/W
T
T
T
R
R
1/4-20
Notes
Dia.
Dia.
0.195
0.340
0.290
---
0.630
---
3.150 BSC
---
0.510
0.130
0.800
0.600
U
0.180
0.312
W
V
0.275
---
Q
R
N
1.375 BSC
0.010
0.490
G
H
F
0.120
---
0.700
C
E
B
80.01 BSC
34.92 BSC
4.57
7.92
---
15.24
6.99
0.25
12.45
3.05
---
17.78
4.95
7.37
---
8.64
---
---
16.00
12.95
3.30
20.32
Max.
3.630
Dim. Inches
Min.
---
A
Millimeters
Min.
---
Max.
92.20
Part Number
225CNQ015
Industry
T
T
C = 125°C, Square wave, 0JC = 0.25°C/W
f = 1 KHZ, 25° C, 1µsec square wave
200 Amperes/10 to 15 Volts
Guard Ring Protection
150°C Junction Temperature
Reverse Energy Tested
Low Forward Voltage
Schottky Barrier Rectifier
ROHS Compliant
January, 2010 - Rev. 6
www.microsemi.com


Similar Part No. - 225CNQ015

ManufacturerPart #DatasheetDescription
logo
International Rectifier
225CNQ015 IRF-225CNQ015 Datasheet
145Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sangdest Microelectroni...
225CNQ015 SMC-225CNQ015 Datasheet
198Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 225CNQ015

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CPT20010 MICROSEMI-CPT20010 Datasheet
148Kb / 2P
   Schottky ORing PowerMod
FST15515 MICROSEMI-FST15515_10 Datasheet
122Kb / 2P
   Schottky PowerMod ORing Rectifier
FST15515 MICROSEMI-FST15515 Datasheet
144Kb / 2P
   Schottky PowerMod ORING Rectifier
CPT40030 MICROSEMI-CPT40030 Datasheet
171Kb / 2P
   Schottky PowerMod
FST19235 MICROSEMI-FST19235 Datasheet
151Kb / 2P
   Schottky PowerMod
CPT12035 MICROSEMI-CPT12035 Datasheet
148Kb / 2P
   Schottky PowerMod
CPT20230 MICROSEMI-CPT20230 Datasheet
145Kb / 2P
   Schottky PowerMod
CPT40080 MICROSEMI-CPT40080 Datasheet
149Kb / 2P
   Schottky PowerMod
CPT60035 MICROSEMI-CPT60035 Datasheet
160Kb / 2P
   SCHOTTKY POWERMOD
CPT20035 MICROSEMI-CPT20035_10 Datasheet
122Kb / 2P
   Schottky PowerMod
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com