Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPR8F-4K3RGB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HPR8F-4K3RGB
Description  FULL COLOR PRODUCTS SPECIFICATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPR8F-4K3RGB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HPR8F-4K3RGB Datasheet HTML 1Page - List of Unclassifed Manufacturers HPR8F-4K3RGB Datasheet HTML 2Page - List of Unclassifed Manufacturers HPR8F-4K3RGB Datasheet HTML 3Page - List of Unclassifed Manufacturers HPR8F-4K3RGB Datasheet HTML 4Page - List of Unclassifed Manufacturers HPR8F-4K3RGB Datasheet HTML 5Page - List of Unclassifed Manufacturers HPR8F-4K3RGB Datasheet HTML 6Page - List of Unclassifed Manufacturers HPR8F-4K3RGB Datasheet HTML 7Page - List of Unclassifed Manufacturers HPR8F-4K3RGB Datasheet HTML 8Page - List of Unclassifed Manufacturers HPR8F-4K3RGB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2 Explanation of Part Number:
H
P
B
8
F
-
4K
3
RGBx
/
WPCB
1.H: Huey Jann
2.P: High power LED Type
3.Shape distinguish:
B: Lambertian type
R: Reflector type
4.Identification no:
5.Lead frame type
6.Appearance:
4K:White Diffusion
7.Color number:
Non: 1W
3: 3W
8.Color kind:
RGB: Full Color
9.Heat conduction type:
Non: emitter type
/WPCB: with White star type heat sink
HUEY JANN ELECTRONICS INDUSTRY CO., LTD.
No.27 Line 466 Sec.2,Canng-nan Rd. Wu-chi Town Taichung Shien, Taiwan, R.O.C.
TEL:+886-4-26393976
FAX:+886-4-26393125
2
2DEVICE NO:HPB8F-4K3RGBx
1
2
3
4
5
6
7
8
9


Similar Part No. - HPR8F-4K3RGB

ManufacturerPart #DatasheetDescription
logo
ETAL Group
HPR ETAL-HPR Datasheet
553Kb / 4P
   water-proof and dust-proof
logo
M-System Co.,Ltd.
HPR MSYSTEM-HPR Datasheet
127Kb / 4P
   Space-saving Plug-in Signal Conditioners H-UNIT
logo
Vishay Siliconix
HPR VISHAY-HPR Datasheet
87Kb / 4P
   High Pulse Wirewound Resistor, Noise Suppressor
logo
FOTEK CONTROLS CO., LTD...
HPR-100AA FOTEK-HPR-100AA Datasheet
1Mb / 6P
   Single Phase High Power type DC to DC Solid State Module
HPR-100AA-H FOTEK-HPR-100AA-H Datasheet
1Mb / 6P
   Single Phase High Power type DC to DC Solid State Module
More results

Similar Description - HPR8F-4K3RGB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STF0A36B SEOUL-STF0A36B Datasheet
986Kb / 21P
   The Best lm-W in Full Color Products
STF0A36C SEOUL-STF0A36C Datasheet
714Kb / 18P
   The Best lm/W in Full Color Products
logo
STANLEY ELECTRIC CO.,LT...
VBHW1149JTE-100-TR STANLEY-VBHW1149JTE-100-TR Datasheet
886Kb / 26P
   Optimum chromaticity specification for full-color display
logo
NICHIA CORPORATION
NSSM313AT NICHIA-NSSM313AT Datasheet
648Kb / 23P
   FULL COLOR LED
NSSM240AT NICHIA-NSSM240AT Datasheet
527Kb / 18P
   FULL COLOR LED
logo
TT Electronics.
OVSRRGBCC3TM TTELEC-OVSRRGBCC3TM Datasheet
1Mb / 7P
   Full-color RGB
logo
NICHIA CORPORATION
NSSM232BT NICHIA-NSSM232BT Datasheet
519Kb / 17P
   FULL COLOR LED
NSSM438AT NICHIA-NSSM438AT Datasheet
593Kb / 18P
   FULL COLOR LED
logo
List of Unclassifed Man...
SK6812 ETC1-SK6812 Datasheet
446Kb / 7P
   Full color LED string light, LED full color module
logo
Marl International Limi...
NSSM065 MARL-NSSM065 Datasheet
529Kb / 13P
   FULL COLOR LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com