Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBP208G Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # KBP208G
Description  2.0Amp Glass Passivited Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KBP208G Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  KBP208G Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KBP208G Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
KBP2005G ~ KBP210G
Voltage 50V ~ 1000V
2.0Amp Glass Passivited Bridge Rectifiers
15-Mar-2011 Rev. C
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - KBP208G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP208G WTE-KBP208G Datasheet
37Kb / 3P
   2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Frontier Electronics.
KBP208G FRONTIER-KBP208G Datasheet
144Kb / 2P
   2A GLASS PASSIVATED BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
KBP208G HY-KBP208G Datasheet
395Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBP208G JGD-KBP208G Datasheet
130Kb / 2P
   SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
KBP208G GENESIC-KBP208G Datasheet
348Kb / 3P
   Silicon Bridge Rectifier
More results

Similar Description - KBP208G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S4GBU20-C SECOS-S4GBU20-C_18 Datasheet
234Kb / 2P
   4.0Amp Glass Passivited Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
GBU10005 YIXIN-GBU10005 Datasheet
865Kb / 2P
   10.0Amp Glass Passivited Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
S10GBU20 SECOS-S10GBU20_15 Datasheet
227Kb / 2P
   10.0Amp Glass Passivited Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
GBU6005 YIXIN-GBU6005 Datasheet
1Mb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
S4GBU20 SECOS-S4GBU20_15 Datasheet
232Kb / 2P
   4.0Amp Glass Passivited Bridge Rectifiers
S20GBJ20 SECOS-S20GBJ20_15 Datasheet
218Kb / 2P
   20.0Amp Glass Passivited Bridge Rectifiers
S4GBU20-C SECOS-S4GBU20-C Datasheet
232Kb / 2P
   4.0Amp Glass Passivited Bridge Rectifiers
S6GBU20-C SECOS-S6GBU20-C Datasheet
225Kb / 2P
   6.0Amp Glass Passivited Bridge Rectifiers
S15GBJ20-C SECOS-S15GBJ20-C Datasheet
219Kb / 2P
   15.0Amp Glass Passivited Bridge Rectifiers
S15GBU20 SECOS-S15GBU20_15 Datasheet
227Kb / 2P
   15.0Amp Glass Passivited Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com