Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54429ERSAT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54429ERSAT
Description  7V to 8V Input, 4.5-A Synchronous Step-Down SWIFT Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54429ERSAT Datasheet(HTML) 3 Page - Texas Instruments

  TPS54429ERSAT Datasheet HTML 1Page - Texas Instruments TPS54429ERSAT Datasheet HTML 2Page - Texas Instruments TPS54429ERSAT Datasheet HTML 3Page - Texas Instruments TPS54429ERSAT Datasheet HTML 4Page - Texas Instruments TPS54429ERSAT Datasheet HTML 5Page - Texas Instruments TPS54429ERSAT Datasheet HTML 6Page - Texas Instruments TPS54429ERSAT Datasheet HTML 7Page - Texas Instruments TPS54429ERSAT Datasheet HTML 8Page - Texas Instruments TPS54429ERSAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPS54429E
www.ti.com
SLVSAS0 –FEBRUARY 2011
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Supply input voltage range
7
18
V
VBST
0.3
24
VBST (10 ns transient)
0.3
27
SS, PG
0.1
5.7
EN
0.1
18
VI
Input voltage range
V
VO, VFB
0.1
5.5
SW1, SW2
1.8
18
SW1, SW2 (10 ns transient)
3
21
PGND1, PGND2
0.1
0.1
VO
Output voltage range
VREG5
0.1
5.7
V
IO
Output Current range
IVREG5
0
10
mA
TA
Operating free-air temperature
20
85
°
C
TJ
Operating junction temperature
20
150
°
C
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VIN = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN current, TA = 25°C, EN = 5 V,
IVIN
Operating - non-switching supply current
850
1300
μ
A
VFB = 0.8 V
IVINSDN
Shutdown supply current
VIN current, TA = 25°C, EN = 0 V
1.8
10
μ
A
LOGIC THRESHOLD
VENH
EN high-level input voltage
EN
2
V
VENL
EN low-level input voltage
EN
0.48
V
VFB VOLTAGE AND DISCHARGE RESISTANCE
VFB voltage light load mode, TA = 25°C,
771
VO = 1.05 V, IO = 10mA
TA = 25°C, VO = 1.05 V, continuous mode
757
765
773
VFBTH
VFB threshold voltage
mV
TA = 0°C to 85°C, VO = 1.05 V, continuous
753
777
mode(1)
TA = –20°C to 85°C, VO = 1.05 V, continuous
751
779
mode(1)
IVFB
VFB input current
VFB = 0.8 V, TA = 25°C
0
±
0.1
μ
A
RDischg
VO discharge resistance
EN = 0 V, VO = 0.5 V, TA = 25°C
50
100
VREG5 OUTPUT
TA = 25°C, 7 V < VIN < 18 V,
VVREG5
VREG5 output voltage
5.3
5.5
5.7
V
0 < IVREG5 < 5 mA
VLN5
Line regulation
7 V < VIN < 18 V, IVREG5 = 5 mA
20
mV
VLD5
Load regulation
0 mA < IVREG5 < 5 mA
100
mV
IVREG5
Output current
VIN = 7 V, VREG5 = 4 V, TA = 25°C
70
mA
MOSFET
Rdsonh
High side switch resistance
25°C, VBST - SW1,2 = 5.5 V
63
mΩ
Rdsonl
Low side switch resistance
25°C
55
mΩ
(1) Not production tested.
©
2011, Texas Instruments Incorporated
3
Product Folder Link(s) :TPS54429E


Similar Part No. - TPS54429ERSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54429E TI-TPS54429E_15 Datasheet
1,006Kb / 29P
[Old version datasheet]   7V to 18V Input, 4.5-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
More results

Similar Description - TPS54429ERSAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54429 TI1-TPS54429 Datasheet
656Kb / 22P
[Old version datasheet]   7V to 18V Input, 4.5-A Synchronous Step-Down ( SWIFT?? Converter
TPS54429E TI-TPS54429E_15 Datasheet
1,006Kb / 29P
[Old version datasheet]   7V to 18V Input, 4.5-A Synchronous Step-Down SWIFT??Converter with Eco-Mode?
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com