Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU10M Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # GBU10M
Description  Molding Single-Phase Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBU10M Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  GBU10M Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBU10M Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GBU10B ~ GBU10M
100 V ~ 1000 V
10.0 Amp High Current Glass Passivated
Molding Single-Phase Bridge Rectifier
Elektronische Bauelemente
04Aug-2010 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - GBU10M

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
GBU10M BILIN-GBU10M Datasheet
172Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
GBU10M DGNJDZ-GBU10M Datasheet
717Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Gulf Semiconductor
GBU10M GULFSEMI-GBU10M Datasheet
99Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
logo
Diode Semiconductor Kor...
GBU10M DSK-GBU10M Datasheet
227Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBU10M MCC-GBU10M Datasheet
142Kb / 3P
   10 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
More results

Similar Description - GBU10M

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D5SB10 SECOS-D5SB10 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU15B SECOS-GBU15B Datasheet
373Kb / 2P
   Molding Single-Phase Bridge Rectifier
D4SB10 SECOS-D4SB10 Datasheet
332Kb / 2P
   Molding Single-Phase Bridge Rectifier
D20SB10 SECOS-D20SB10 Datasheet
398Kb / 2P
   Molding Single-Phase Bridge Rectifier
D3SB10 SECOS-D3SB10 Datasheet
478Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU6A SECOS-GBU6A Datasheet
201Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBU25005 SECOS-GBU25005 Datasheet
273Kb / 2P
   Molding Single-Phase Bridge Rectifier
D10SB10 SECOS-D10SB10 Datasheet
392Kb / 2P
   Molding Single-Phase Bridge Rectifier
GBPC3501 SECOS-GBPC3501 Datasheet
345Kb / 2P
   Molding Single-Phase Bridge Rectifier
D15SB10 SECOS-D15SB10 Datasheet
516Kb / 2P
   Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com