Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBL210 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # GBL210
Description  2.0 Amp Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

GBL210 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  GBL210 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH GBL210 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBL201 ~ GBL210
VOLTAGE 100 V ~ 1000 V
2.0 Amp Glass Passivated Bridge Rectifiers
Elektronische Bauelemente
23-Jul-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
High current capacity with small package
Glass passivated chip junctions
Superior thermal conductivity
High IFSM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
at 25°C ambient temperature unless otherwise specified.
PARAMETERS
SYMBOL
GBL
201
GBL
202
GBL
204
GBL
206
GBL
208
GBL
210
UNIT
Maximum Repetitive Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
VRRM
VRMS
VDC
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
Maximum DC Reverse Current at Rated DC
Blocking Voltage
@TA=25℃
@TA=125℃
IR
5
500
A
Average rectified forward current 60Hz Sine Wave
Resistance load
with heat sink @TC=100℃
IO
2
A
Peak Forward Surge Current 8.3 ms Single Half Sine-Wave
Superimposed on Rated Load
IFSM
80
A
Rating of fusing (t < 8.3ms)
l2t
40
A2sec
Dielectric strength terminals to case,
AC 1 minute Current 1mA
Vdia
2.5
KV
Maximum instantaneous forward voltage at 2.0A
VF
1.1
V
Maximum thermal on P.C.B without heat-sink
RθJA
32
°C / W
Resistance per leg on AI plate heat-sink
RθJC
13
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55 ~ 150
°C


Similar Part No. - GBL210

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
GBL210 LRC-GBL210 Datasheet
89Kb / 1P
   Maximum Ratings & Thermal Characteristics Ratings at 25??ambient temperature unless otherwise specified.
GBL210 LRC-GBL210 Datasheet
312Kb / 4P
   Plastic Package has Underwriters Laboratory Flammability Classification 94V-0
logo
Nanjing International G...
GBL210 DGNJDZ-GBL210 Datasheet
67Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Chongqing Pingwei Enter...
GBL210 CHONGQING-GBL210 Datasheet
203Kb / 2P
   SINGLE PHASE2.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBL210 SECOS-GBL210 Datasheet
230Kb / 2P
   Voltage 50 V ~ 1000 V 2.0 Amp Glass Passivated Bridge Rectifiers
More results

Similar Description - GBL210

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ2A SECOS-GBJ2A Datasheet
243Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
2W005G SECOS-2W005G Datasheet
136Kb / 2P
   2.0 AMP Glass Passivated Bridge Rectifiers
MB205_15 SECOS-MB205_15_07 Datasheet
248Kb / 2P
   2.0 Amp Glass Passivated Bridge Rectifiers Diodes
logo
Jinan Gude Electronic D...
2W005G JGD-2W005G Datasheet
126Kb / 2P
   SINGLE PHASE 2.0 AMP. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Nanjing International G...
DB201G DGNJDZ-DB201G Datasheet
227Kb / 2P
   SINGLE PHASE 2.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
ABS302 YIXIN-ABS302 Datasheet
452Kb / 2P
   Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
ABS202 YIXIN-ABS202 Datasheet
452Kb / 2P
   Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
ABS202-ABS210 DGNJDZ-ABS202-ABS210 Datasheet
399Kb / 2P
   Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
ABS202 DGNJDZ-ABS202 Datasheet
366Kb / 2P
   Single Phase 2.0 AMP. Glass Passivated Bridge Rectifiers
logo
Bytes
RL201G BYTES-RL201G Datasheet
151Kb / 2P
   2.0 AMP GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com