Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53317 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317
Description  3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317 Datasheet(HTML) 3 Page - Texas Instruments

  TPS53317 Datasheet HTML 1Page - Texas Instruments TPS53317 Datasheet HTML 2Page - Texas Instruments TPS53317 Datasheet HTML 3Page - Texas Instruments TPS53317 Datasheet HTML 4Page - Texas Instruments TPS53317 Datasheet HTML 5Page - Texas Instruments TPS53317 Datasheet HTML 6Page - Texas Instruments TPS53317 Datasheet HTML 7Page - Texas Instruments TPS53317 Datasheet HTML 8Page - Texas Instruments TPS53317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS53317
www.ti.com
SLUSAK4
– JUNE 2011
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN, V5IN, BST (with respect to SW)
–0.3
7.0
BST
–0.3
14.0
SW
–2
7
Input voltage range
V
EN
–0.3
7
MODE, REFIN
–0.3
3.6
VOUT
–1
3.6
COMP, VREF
–0.3
3.6
Output voltage range
PGOOD
–0.3
7.0
V
PGND
–0.3
0.3
Junction temperature
TJ
–40
150
Storage temperature
Tstg
–55
150
˚C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
˚C
(1)
Stresses beyond those listed under
“absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating
conditions
” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
VALUE
UNIT
MIN
TYP
MAX
VIN, EN, BST (with respect fo SW)
–0.1
6.5
V5IN
4.5
6.5
Input voltage range
BST
–0.1
13.5
V
SW
–1.0
6.5
VOUT, MODE, REFIN
–0.1
3.5
COMP, VREF
–0.1
3.5
Output voltage range
PGOOD
–0.1
5.5
V
PGND
–0.1
0.1
Operating temperature range, TA
-40
85
°C
Copyright
© 2011, Texas Instruments Incorporated
3


Similar Part No. - TPS53317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53317 TI1-TPS53317 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317 TI1-TPS53317 Datasheet
1Mb / 35P
[Old version datasheet]   6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
TPS53317A TI1-TPS53317A Datasheet
1Mb / 33P
[Old version datasheet]   Integrated-FET Converter for DDR Memory Termination
TPS53317ARGBR TI1-TPS53317ARGBR Datasheet
1Mb / 33P
[Old version datasheet]   Integrated-FET Converter for DDR Memory Termination
TPS53317ARGBT TI1-TPS53317ARGBT Datasheet
1Mb / 33P
[Old version datasheet]   Integrated-FET Converter for DDR Memory Termination
More results

Similar Description - TPS53317

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51317 TI-TPS51317_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51317 TI1-TPS51317 Datasheet
774Kb / 25P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
MARCH2011
TPS51461 TI-TPS51461 Datasheet
1Mb / 31P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter
TPS51463 TI1-TPS51463 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
TPS51461RGER TI-TPS51461RGER Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V/5-V Input, 6-A, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462_17 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI-TPS51462_15 Datasheet
1Mb / 28P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS51462 TI1-TPS51462 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAP??Mode Synchronous Step-Down Integrated FETs Converter With 2-Bit VID
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com