Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53314 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53314
Description  6-A Step-Down Regulator with Integrated Switcher
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53314 Datasheet(HTML) 4 Page - Texas Instruments

  TPS53314 Datasheet HTML 1Page - Texas Instruments TPS53314 Datasheet HTML 2Page - Texas Instruments TPS53314 Datasheet HTML 3Page - Texas Instruments TPS53314 Datasheet HTML 4Page - Texas Instruments TPS53314 Datasheet HTML 5Page - Texas Instruments TPS53314 Datasheet HTML 6Page - Texas Instruments TPS53314 Datasheet HTML 7Page - Texas Instruments TPS53314 Datasheet HTML 8Page - Texas Instruments TPS53314 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS53314
SLUSAK3
– MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
Over recommended free-air temperature range, VDD = 12 V (Unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE AND SUPPLY CURRENT
VIN pin power conversion input
VVIN
3
15
V
voltage
VDD
Supply input voltage
4.5
25
V
IVIN(leak)
VIN pin leakage current
VEN = 0 V
1
µA
VDD current, TA = 25°C, No Load, VEN = 5 V,
IVDD
VDD supply current
420
590
µA
VVFB = 0.630 V
IVDDSDN
VDD shutdown current
VDD current, TA = 25°C, No Load, VEN = 0 V
10
µA
INTERNAL REFERENCE VOLTAGE
VFB voltage, CCM condition(1)
0.6000
V
TA = 25°C
0.597
0.600
0.603
VVFB
VFB regulation voltage
TA = 0°C to 85°C
0.5952
0.600
0.6048
V
TA = -40°C to 85°C
0.594
0.600
0.606
IVFB
VFB input current
VVFB = 0.630 V, TA = 25°C
0.002
0.2
µA
LDO OUTPUT
VVREG
LDO output voltage
0 mA
≤ IVREG ≤ 30 mA
4.77
5.0
5.35
V
IVREG
LDO output current(1)
Maximum current allowed from LDO
30
mA
VDO
LDO drop out voltage
VDD = 4.5 V, IVREG = 30 mA
295
mV
BOOT STRAP SWITCH
VFBST
Forward voltage
VVREG-VBST, IF = 10 mA, TA = 25°C
0.1
0.2
V
IVBSTLK
VBST leakage current
VVBST = 23 V, VLL = 17 V, TA = 25°C
0.01
1.5
µA
DUTY AND FREQUENCY CONTROL
tOFF(min)
Minimum off time
TA = 25°C
150
260
400
ns
VVIN = 17 V, VOUT = 0.6 V, RRF = 0 Ω to VREG,
tON(min)
Minimum on time
35
TA = 25°C
(1)
SOFTSTART
RMODE = 39 kΩ
0.7
RMODE = 100 kΩ
1.4
Internal SS time from VOUT = 0 to
tSS
ms
VOUT = 95%
RMODE = 200 kΩ
2.8
RMODE = 470 kΩ
5.6
POWERGOOD
PG in from lower
92.5%
96%
98.5%
VTHPG
PG threshold
PG in from higher
107.5%
110%
112.5%
PG hysteresis
2.5%
5%
7.8%
RPG
PG transistor on-resistance
15
30
55
Ω
tPGDEL
PG Delay after soft-start
0.8
1
1.2
ms
(1)
Ensured by design. Not production tested.
4
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS53314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310RGTR TI1-TPS53310RGTR Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310RGTT TI1-TPS53310RGTT Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
More results

Similar Description - TPS53314

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53313 TI1-TPS53313 Datasheet
774Kb / 23P
[Old version datasheet]   6-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311 Datasheet
541Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315 TI-TPS53315 Datasheet
771Kb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI1-TPS53310_16 Datasheet
832Kb / 22P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53315RGFT TI1-TPS53315RGFT Datasheet
1Mb / 30P
[Old version datasheet]   12-A Step-Down Regulator with Integrated Switcher
TPS53310 TI-TPS53310 Datasheet
682Kb / 25P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53321 TI-TPS53321 Datasheet
511Kb / 23P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_1 Datasheet
724Kb / 24P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53311 TI-TPS53311_15 Datasheet
898Kb / 26P
[Old version datasheet]   3-A Step-Down Regulator with Integrated Switcher
TPS53321RGTR TI-TPS53321RGTR Datasheet
903Kb / 25P
[Old version datasheet]   5-A Step-Down Regulator with Integrated Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com