Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS24713 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24713
Description  2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24713 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS24713 Datasheet HTML 7Page - Texas Instruments TPS24713 Datasheet HTML 8Page - Texas Instruments TPS24713 Datasheet HTML 9Page - Texas Instruments TPS24713 Datasheet HTML 10Page - Texas Instruments TPS24713 Datasheet HTML 11Page - Texas Instruments TPS24713 Datasheet HTML 12Page - Texas Instruments TPS24713 Datasheet HTML 13Page - Texas Instruments TPS24713 Datasheet HTML 14Page - Texas Instruments TPS24713 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
10
0
10
2
0
3
0
4
0
0.2
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.9
0.25
0.2
0.15
0.1
0.05
0
0.05
0.1
0.15
0.2
0.25
Time (µs)
V
= 3.3 V
VCC
V
(
)
VCC – SENSE
T = 125°C
T = –40°C
T = 25°C
0
4
8
12
16
20
Input Voltage, V
(V)
VCC
8
12
16
20
24
28
32
T = 25°C
T = 125°C
T = –40°C
0
0.4
0.8
1.2
1.6
2
–50
–20
10
40
70
100
130
Temperature (°C)
V
= 12 V
VCC
C = 10 nF
T
C = 4.7 nF
T
C = 1 nF
T
3
4
5
6
7
0
4
8
12
16
20
Input Voltage, V
(V)
VCC
T = 25°C
T = 125°C
T = –40°C
0
0.4
0.8
1.2
1.6
2
–50
–20
–10
10
30
50
70
90
110
130
Temperature (°C)
V
= 12 V
VCC
EN Upper Threshold
50
–2
0
10
40
70
100
130
Temperature (°C)
V
= 12 V
VCC
2.20
2.24
2.28
2.32
2.36
UVLO Upper Threshold
UVLO Lower Threshold
TPS24710, TPS24711
TPS24712, TPS24713
www.ti.com
SLVSAL2C
– JANUARY 2011 – REVISED MAY 2011
TYPICAL CHARACTERISTICS (continued)
Figure 11. Gate Current During Fast Trip,
Figure 12. Gate Voltage With Zero Gate Current vs Input
Voltage
VVCC = VGATE = 3.3 V
Figure 13. TIMER Activation Voltage Threshold vs Input
Figure 14. Fault-Timer Period vs Temperature With
Voltage at Various Temperatures
Various TIMER Capacitors
Figure 15. EN Threshold Voltage vs Temperature
Figure 16. UVLO Threshold Voltage vs Temperature
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS24710 TPS24711 TPS24712 TPS24713


Similar Part No. - TPS24713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24713 TI1-TPS24713 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24713DGS TI1-TPS24713DGS Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24713DGS TI1-TPS24713DGS Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24713DGSR TI1-TPS24713DGSR Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24713DGSR TI1-TPS24713DGSR Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
More results

Similar Description - TPS24713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24710 TI1-TPS24710_17 Datasheet
2Mb / 38P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Power-Limiting Hot-Swap Controller
TPS24700 TI1-TPS24700 Datasheet
1Mb / 29P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Hot-Swap Controller
TPS24720 TI1-TPS24720 Datasheet
2Mb / 37P
[Old version datasheet]   2.5-V to 18-V High-Efficiency Adjustable Power-Limiting Hot-Swap Controller With Current
TPS24710 TI1-TPS24710_15 Datasheet
2Mb / 38P
[Old version datasheet]   High-Efficiency Power-Limiting Hot-Swap Controller
TPS24740 TI1-TPS24740 Datasheet
2Mb / 61P
[Old version datasheet]   2.5-V to 18-V High Performance Hot Swap and ORing Controller
TPS24772 TI1-TPS24772 Datasheet
2Mb / 51P
[Old version datasheet]   2.5 to 18-V High Performance Hot Swap
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Analog Devices
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com