Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT300A120G Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APTGT300A120G
Description  Phase leg Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT300A120G Datasheet(HTML) 3 Page - Microsemi Corporation

  APTGT300A120G Datasheet HTML 1Page - Microsemi Corporation APTGT300A120G Datasheet HTML 2Page - Microsemi Corporation APTGT300A120G Datasheet HTML 3Page - Microsemi Corporation APTGT300A120G Datasheet HTML 4Page - Microsemi Corporation APTGT300A120G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTGT300A120G
www.microsemi.com
3- 5
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
IGBT
0.09
RthJC
Junction to Case Thermal Resistance
Diode
0.17
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
4000
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
To heatsink
M6
3
5
Torque
Mounting torque
For terminals
M5
2
3.5
N.m
Wt
Package Weight
280
g
SP6 Package outline (dimensions in mm)
See application note APT0601 - Mounting Instructions for SP6 Power Modules on www.microsemi.com


Similar Part No. - APTGT300A120G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT300A120G MICROSEMI-APTGT300A120G Datasheet
245Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT300A120G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT100A120TG MICROSEMI-APTGT100A120TG Datasheet
257Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT200A120G MICROSEMI-APTGT200A120G Datasheet
245Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT300A120G MICROSEMI-APTGT300A120G Datasheet
245Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT300A120 ADPOW-APTGT300A120 Datasheet
271Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT50A120T ADPOW-APTGT50A120T Datasheet
279Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50A120TG MICROSEMI-APTGT50A120TG Datasheet
258Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
APTGT150A120TG MICROSEMI-APTGT150A120TG Datasheet
258Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT100A120T ADPOW-APTGT100A120T Datasheet
279Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT75A120TG MICROSEMI-APTGT75A120TG Datasheet
258Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT400A120 ADPOW-APTGT400A120 Datasheet
271Kb / 5P
   Phase leg Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com