Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGT300A120D3G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTGT300A120D3G
Description  Phase leg Trench Field Stop IGBT3 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT300A120D3G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTGT300A120D3G Datasheet HTML 1Page - Microsemi Corporation APTGT300A120D3G Datasheet HTML 2Page - Microsemi Corporation APTGT300A120D3G Datasheet HTML 3Page - Microsemi Corporation APTGT300A120D3G Datasheet HTML 4Page - Microsemi Corporation APTGT300A120D3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGT300A120D3G
www.microsemi.com
2- 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1200V
500
µA
Tj = 25°C
1.7
2.1
VCE(sat)
Collector Emitter saturation Voltage
VGE = 15V
IC = 300A
Tj = 125°C
2.0
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 12mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
400
nA
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
21
Cres
Reverse Transfer Capacitance
VGE = 0V ; VCE = 25V
f = 1MHz
1
nF
QG
Gate charge
VGE=±15V, IC=300A
VCE=600V
2.8
µC
Td(on)
Turn-on Delay Time
250
Tr
Rise Time
90
Td(off)
Turn-off Delay Time
550
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 600V
IC = 300A
RG = 2.2Ω
130
ns
Td(on)
Turn-on Delay Time
300
Tr
Rise Time
100
Td(off)
Turn-off Delay Time
650
Tf
Fall Time
Inductive Switching (125°C)
VGE = ±15V
VBus = 600V
IC = 300A
RG = 2.2Ω
180
ns
Eon
Turn on Energy
Tj = 125°C
25
Eoff
Turn off Energy
VGE = ±15V
VBus = 600V
IC = 300A
RG = 2.2Ω
Tj = 125°C
44
mJ
Isc
Short Circuit data
VGE ≤15V ; VBus = 900V
tp ≤ 10µs ; Tj = 125°C
1200
A
Reverse diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Peak Repetitive Reverse Voltage
1200
V
Tj = 25°C
750
IRRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 125°C
1000
µA
IF
DC Forward Current
Tc = 80°C
300
A
Tj = 25°C
1.6
2.1
VF
Diode Forward Voltage
IF = 300A
VGE = 0V
Tj = 125°C
1.6
V
Tj = 25°C
170
trr
Reverse Recovery Time
Tj = 125°C
280
ns
Tj = 25°C
28
Qrr
Reverse Recovery Charge
Tj = 125°C
56
µC
Tj = 25°C
12
Err
Reverse Recovery Energy
IF = 300A
VR = 600V
di/dt =3500A/µs
Tj = 125°C
22
mJ


Similar Part No. - APTGT300A120D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT300A120D3G MICROSEMI-APTGT300A120D3G Datasheet
218Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT300A120D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT300A170D3G MICROSEMI-APTGT300A170D3G_11 Datasheet
218Kb / 5P
   Phase leg Trench Field Stop IGBT3 Power Module
APTGT300A60D3G MICROSEMI-APTGT300A60D3G_11 Datasheet
224Kb / 5P
   Phase leg Trench Field Stop IGBT3 Power Module
APTGT400A60D3G MICROSEMI-APTGT400A60D3G_11 Datasheet
225Kb / 5P
   Phase leg Trench Field Stop IGBT3 Power Module
APTGT100A120T3AG MICROSEMI-APTGT100A120T3AG Datasheet
210Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT150A120D1G MICROSEMI-APTGT150A120D1G Datasheet
187Kb / 4P
   Phase leg Trench Field Stop IGBT Power Module
APTGT200A60T3AG MICROSEMI-APTGT200A60T3AG Datasheet
206Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT400A120D3G MICROSEMI-APTGT400A120D3G Datasheet
218Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT225A170 ADPOW-APTGT225A170 Datasheet
270Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT200A60T ADPOW-APTGT200A60T Datasheet
279Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
APTGT600A60 ADPOW-APTGT600A60 Datasheet
270Kb / 5P
   Phase leg Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com