Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1117LV12DCYT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1117LV12DCYT
Description  1-A, Positive Fixed Voltage, Low-Dropout Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1117LV12DCYT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV1117LV12DCYT Datasheet HTML 2Page - Texas Instruments TLV1117LV12DCYT Datasheet HTML 3Page - Texas Instruments TLV1117LV12DCYT Datasheet HTML 4Page - Texas Instruments TLV1117LV12DCYT Datasheet HTML 5Page - Texas Instruments TLV1117LV12DCYT Datasheet HTML 6Page - Texas Instruments TLV1117LV12DCYT Datasheet HTML 7Page - Texas Instruments TLV1117LV12DCYT Datasheet HTML 8Page - Texas Instruments TLV1117LV12DCYT Datasheet HTML 9Page - Texas Instruments TLV1117LV12DCYT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
600
500
400
300
200
100
0
0
100
200
300
400
500
600
700
800
900 1000
Output Current (mA)
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
3.3
3.5
3.7
3.9
4.1 4.3
4.7
5.1
5.5
Input Voltage (V)
1.8
1.78
1.76
1.74
1.72
1.7
1.68
1.66
1.64
1.62
1.6
4.5
4.9
5.3
+85 C
+25 C
40 C
-
°
°
°
10
100
1 k
100 k
1 M
10 M
Frequency (Hz)
90
80
70
60
50
40
30
20
10
0
10 k
V
V
= 3 V
-
IN
OUT
I
= 500 mA
I
= 150 mA
I
= 30 mA
OUT
OUT
OUT
10
100
1 k
100 k
1 M
10 M
Frequency (Hz)
90
80
70
60
50
40
30
20
10
0
10 k
V
V
= 1.5 V
-
IN
OUT
I
= 500 mA
I
= 150 mA
I
= 30 mA
OUT
OUT
OUT
0
100
200
300
400
500
600
700
800
900 1000
Output Current (mA)
90
80
70
60
50
40
30
20
10
0
V
V
= 1.5 V
-
IN
OUT
f = 120 Hz
f = 50 Hz
f = 10 kHz
f = 10 MHz
f = 1 kHz
f = 100 kHz
f = 1 MHz
10
1
0.1
0.01
0.001
10
100
1 k
10 k
100 k
1 M
10 M
Frequency (Hz)
TLV1117LV Series
SBVS160
– MAY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At VIN = VOUT(TYP) + 1.5 V; IOUT = 10 mA, COUT = 1.0 μF, and TA = +25°C, unless otherwise noted.
QUIESCENT CURRENT
vs LOAD
CURRENT LIMIT vs INPUT VOLTAGE
Figure 9.
Figure 10.
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
Figure 11.
Figure 12.
POWER-SUPPLY REJECTION RATIO
vs OUTPUT CURRENT
SPECTRAL NOISE DENSITY vs FREQUENCY
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TLV1117LV12DCYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1117LV12DCYT TI1-TLV1117LV12DCYT Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12DCYT TI-TLV1117LV12DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
More results

Similar Description - TLV1117LV12DCYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
[Old version datasheet]   1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
[Old version datasheet]   1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV TI-TLV1117LV_15 Datasheet
901Kb / 24P
[Old version datasheet]   TLV1117LV 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
   1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
   1 關A Low Dropout Positive Voltage Regulator
2005
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com