Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75DP130DSRGZT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP130DSRGZT
Description  DisplayPort1:1 Re-Driver with Link Training
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75DP130DSRGZT Datasheet(HTML) 5 Page - Texas Instruments

  SN75DP130DSRGZT Datasheet HTML 1Page - Texas Instruments SN75DP130DSRGZT Datasheet HTML 2Page - Texas Instruments SN75DP130DSRGZT Datasheet HTML 3Page - Texas Instruments SN75DP130DSRGZT Datasheet HTML 4Page - Texas Instruments SN75DP130DSRGZT Datasheet HTML 5Page - Texas Instruments SN75DP130DSRGZT Datasheet HTML 6Page - Texas Instruments SN75DP130DSRGZT Datasheet HTML 7Page - Texas Instruments SN75DP130DSRGZT Datasheet HTML 8Page - Texas Instruments SN75DP130DSRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
SN75DP130
www.ti.com
SLLSE57
– APRIL 2011
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
MAIN LINK TERMINALS
IN0p, IN0n
38, 39
Input
DisplayPort Main Link Lane 0 Differential Input
(100
Ω diff)
IN1p, IN1n
41, 42
DisplayPort Main Link Lane 1 Differential Input
IN2p, IN2n
44, 45
DisplayPort Main Link Lane 2 Differential Input
IN3p, IN3n
47, 48
DisplayPort Main Link Lane 3 Differential Input
OUT0p, OUT0n
23, 22
Output
DisplayPort Main Link Lane 0 Differential Output
(100
Ω diff)
OUT1p, OUT1n
20, 19
DisplayPort Main Link Lane 1 Differential Output
OUT2p, OUT2n
17, 16
DisplayPort Main Link Lane 2 Differential Output
OUT3p, OUT3n
14, 13
DisplayPort Main Link Lane 3 Differential Output
AUX CHANNEL AND DDC DATA TERMINALS
AUX_SRCp,
30, 29
I/O
Source Side Bidirectional DisplayPort Auxiliary Data Channel. If the AUX_SNK
AUX_SRCn
(100
Ω diff)
channel is used for monitoring only, these signals are not used and may be left open.
AUX_SNKp, AUX_SNKn
28, 27
I/O
Sink Side Bidirectional DisplayPort Auxiliary Data Channel.
(100
Ω diff)
SCL_DDC, SDA_DDC
33, 34
I/O
Bidirectional I2C Display Data Channel (DDC) for TMDS mode. These signals may be
utilized together with AUX_SNK to form a FET switch to short-circuit the AC coupling
capacitors during TMDS operation in a DP++ Dual-Mode configuration. These
terminals include integrated 60 k
Ω pull-up resistors
HPD, CAD, and CONTROL TERMINALS
HPD_SRC
9
O
Hot Plug Detect Output to the DisplayPort Source.
HPD_SNK
11
I
DisplayPort Hot Plug Detect Input from Sink. This device input is 5V tolerant.
Note: Pull this input high during compliance testing or use I2C control interface to go
into compliance test mode and control HPD_SNK and HPD_SRC by software.
CAD_SRC
8
O
DP Cable Adapter Detect Output. This output typically drives the GPU CAD input.
CAD_SNK
10
I
DisplayPort Cable Adapter Detect Input. This input tolerates a 5V supply with a supply
impedance higher than 90k
Ω. A device internal zener diode limits the input voltage to
3.3V.
An external 1M
Ω resistor to GND is recommended. This terminal is used to select DP
mode or TMDS mode in a DP++ Dual-Mode application.
SCL_CTL, SDA_CTL
4, 5
I/O
Bidirectional I2C interface to configure the SN75DP130. This interface is active
independent of the EN input but inactive when RSTN is low.
RSTN
35
I
Active Low Device Reset. This input includes a 150k
Ω resistor to the VDDD core
supply. An external capacitor to GND is recommended on the RSTN input to provide a
power-up delay.
This signal is used to place the SN75DP130 into Shutdown mode for the lowest power
consumption. When the RSTN input is asserted, all outputs (excluding HPD_SRC and
CAD_SRC) are high-impedance, and inputs (excluding HPD_SNK and CAD_SNK) are
ignored; all I2C and DPCD registers are reset to their default values.
At power up, the RSTN input must not be de-asserted until the VCC and VDDD
supplies have reached at least the minimum recommended supply voltage level.
EN
26
I
Device Enable. This input incorporates an internal pullup of 200k
Ω.
ADDR_EQ
3
3-level Input I2C Target Address Select and EQ Configuration Input. If the I2C bus is used, this
input setting selects the I2C target address, as described in Table 7. This input also
configures the input EQ to the device, as described in Table 5.
SUPPLY AND GROUND TERMINALS
VDDD
SN75DP130DS
Digital low voltage core and Main Link supply for SN75DP130DS device option.
6, 12, 15, 21, 25, 32, 37, Nominally 1.1V.
43
VCC
SN75DP130SS
3.3V Supply
1, 6, 12, 25, 32, 36
SN75DP130DS
1, 36
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN75DP130


Similar Part No. - SN75DP130DSRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP139 TI-SN75DP139 Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139 TI1-SN75DP139 Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RGZR TI-SN75DP139RGZR Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP139RGZR TI1-SN75DP139RGZR Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RGZT TI-SN75DP139RGZT Datasheet
969Kb / 32P
[Old version datasheet]   DisplayPort to TMDS Translator
More results

Similar Description - SN75DP130DSRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
logo
Kinetic Technologies.
MCDP6150 KINETIC-MCDP6150 Datasheet
220Kb / 5P
   DisplayPort 1.4a Link Training Tunable PHY Retimer
June 2021 - Revision 03g
logo
Pericom Semiconductor C...
PI2EQX3431 PERICOM-PI2EQX3431 Datasheet
440Kb / 5P
   3.2Gbps, 1-port, SATA2/SAS Re-Driver
logo
Texas Instruments
TVB1440 TI1-TVB1440 Datasheet
1Mb / 30P
[Old version datasheet]   4-Channel Video Re-Driver with Equalization
logo
California Eastern Labs
THCX222R05 CEL-THCX222R05 Datasheet
288Kb / 11P
   High Performance Re-driver with Linear Equalization
THCX222R10 CEL-THCX222R10 Datasheet
197Kb / 12P
   High Performance Re-driver with Linear Equalization
logo
Melexis Microelectronic...
MLX10407 MELEXIS-MLX10407_14 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
MLX10407 MELEXIS-MLX10407 Datasheet
172Kb / 10P
   ACTUATOR DRIVER WITH SERIAL LINK
logo
Rosenberger Hochfrequen...
99M007-000 ROSENBERGER-99M007-000 Datasheet
87Kb / 1P
   Training Kit
logo
Semtech Corporation
GS3281 SEMTECH-GS3281 Datasheet
3Mb / 97P
   3G-SDI Re-timing Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com