Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5102PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5102PW
Description  2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5102PW Datasheet(HTML) 5 Page - Texas Instruments

  PCM5102PW Datasheet HTML 1Page - Texas Instruments PCM5102PW Datasheet HTML 2Page - Texas Instruments PCM5102PW Datasheet HTML 3Page - Texas Instruments PCM5102PW Datasheet HTML 4Page - Texas Instruments PCM5102PW Datasheet HTML 5Page - Texas Instruments PCM5102PW Datasheet HTML 6Page - Texas Instruments PCM5102PW Datasheet HTML 7Page - Texas Instruments PCM5102PW Datasheet HTML 8Page - Texas Instruments PCM5102PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764
– MAY 2011
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512 fS and 24-bit data unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply Requirements
DVDD
Digital supply voltage
Target DVDD = 3.3V
3.0
3.3
3.6
AVDD
Analog supply voltage
3.0
3.3
3.6
VDC
CPVDD
Charge-pump suply voltage
3.0
3.3
3.6
fS = 48kHz
7
12
IDD
DVDD supply current at 3.3V
(4)
fS = 96kHz
8
mA
fS = 192kHz
9
fS = 48kHz
8
13
IDD
DVDD supply current at 3.3V
(5)
fS = 96kHz
9
mA
fS = 192kHz
10
IDD
DVDD supply current at 3.3V
(6)
0.5
0.8
mA
fS = 48kHz
11
16
AVDD / CPVDD Supply
ICC
fS = 96kHz
11
mA
Current(4)
fS = 192kHz
11
fS = 48kHz
22
32
AVDD / CPVDD Supply
ICC
fS = 96kHz
22
mA
Current(5)
fS = 192kHz
22
AVDD / CPVDD Supply
fS = n/a
0.2
0.4
ICC
mA
Current(6)
fS = 48kHz
59.4
92.4
Power Dissipation, DVDD =
fS = 96kHz
62.7
mW
3.3V(4)
fS = 192kHz
66.0
fS = 48kHz
99.0
148.5
Power Dissipation, DVDD =
fS = 96kHz
102.3
mW
3.3V(4)
fS = 192kHz
105.6
Power Dissipation, DVDD =
fS = n/a (Power Down Mode)
2.3
4.0
mW
3.3V(6)
(4)
Input is Bipolar Zero data.
(5)
Input is 1kHz -1dBFS data
(6)
Power Down Mode
Copyright
© 2011, Texas Instruments Incorporated
5


Similar Part No. - PCM5102PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5102PW TI1-PCM5102PW Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
PCM5102PWR TI1-PCM5102PWR Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
More results

Similar Description - PCM5102PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
[Old version datasheet]   112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
[Old version datasheet]   PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com