Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4171AIDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4171AIDR
Description  36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4171AIDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA4171AIDR Datasheet HTML 4Page - Texas Instruments OPA4171AIDR Datasheet HTML 5Page - Texas Instruments OPA4171AIDR Datasheet HTML 6Page - Texas Instruments OPA4171AIDR Datasheet HTML 7Page - Texas Instruments OPA4171AIDR Datasheet HTML 8Page - Texas Instruments OPA4171AIDR Datasheet HTML 9Page - Texas Instruments OPA4171AIDR Datasheet HTML 10Page - Texas Instruments OPA4171AIDR Datasheet HTML 11Page - Texas Instruments OPA4171AIDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-20
-12
-6
0
6
20
V
(V)
CM
12
-IB
+I
B
-IOS
-18
18
V
= 18.1V
-
CM
V
=16V
CM
I
B+
I
B-
I
OS
10000
1000
100
10
1
0
-75
-50
-25
0
25
150
Temperature( C)
°
50
125
100
75
I
B
I
OS
18
0
2
4
6
8
16
OutputCurrent(mA)
10
12
14
17
16
15
14.5
-14.5
-15
-16
-17
-18
-
°
40 C
+25 C
°
+85 C
°
+125 C
°
140
120
100
80
60
40
20
0
1
10
100
1k
10k
10M
Frequency(Hz)
100k
1M
+PSRR
-
PSRR
CMRR
30
20
10
0
10
20
30
-
-
-
-
75
-
50
-
25
0
25
150
Temperature( C)
°
50
125
100
75
V =2.7V
S
V =4V
S
V =36V
S
3
2
1
0
1
2
3
-
-
-
-
75
-
50
-
25
0
25
150
Temperature( C)
°
50
125
100
75
V =2.7Vto36V
S
V =4Vto36V
S
OPA171
OPA2171
OPA4171
SBOS516C
– SEPTEMBER 2010 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VS = ±18V, VCM = VS/2, RLOAD = 10kΩ connected to VS/2, and CL = 100pF, unless otherwise noted.
IB AND IOS vs COMMON-MODE VOLTAGE
INPUT BIAS CURRENT vs TEMPERATURE
Figure 7.
Figure 8.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
CMRR AND PSRR vs FREQUENCY
(Maximum Supply)
(Referred-to Input)
Figure 9.
Figure 10.
CMRR vs TEMPERATURE
PSRR vs TEMPERATURE
Figure 11.
Figure 12.
8
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - OPA4171AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4171AIDR TI1-OPA4171AIDR Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA4171AIDR TI1-OPA4171AIDR Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA4171AIDR TI1-OPA4171AIDR Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4171AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com