Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F28M35H50C1RFPT Datasheet(PDF) 1 Page - Texas Instruments

Part # F28M35H50C1RFPT
Description  Concerto Microcontrollers Embedded Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

F28M35H50C1RFPT Datasheet(HTML) 1 Page - Texas Instruments

  F28M35H50C1RFPT Datasheet HTML 1Page - Texas Instruments F28M35H50C1RFPT Datasheet HTML 2Page - Texas Instruments F28M35H50C1RFPT Datasheet HTML 3Page - Texas Instruments F28M35H50C1RFPT Datasheet HTML 4Page - Texas Instruments F28M35H50C1RFPT Datasheet HTML 5Page - Texas Instruments F28M35H50C1RFPT Datasheet HTML 6Page - Texas Instruments F28M35H50C1RFPT Datasheet HTML 7Page - Texas Instruments F28M35H50C1RFPT Datasheet HTML 8Page - Texas Instruments F28M35H50C1RFPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
F28M35H20B1, F28M35H20C1
F28M35H22B1, F28M35H22C1, F28M35H32B1, F28M35H32C1
F28M35H50B1, F28M35H50C1, F28M35H52B1, F28M35H52C1
www.ti.com
SPRS742
– JUNE 2011
Concerto Microcontrollers
1
F28M35x ( Concerto
™) MCUs
1.1
Features
12345
• Host Subsystem — ARM® Cortex™-M3
• Control Subsystem — TMS320C28x™ 32-Bit
CPU
– 100 MHz
– 150 MHz
– Embedded Memory
– Embedded Memory
Up to 512KB Flash (ECC)
Up to 512KB Flash (ECC)
Up to 32KB RAM (ECC/Parity)
Up to 36KB RAM (ECC/Parity)
Up to 64KB Shared RAM
2KB IPC Message RAM
2KB IPC Message RAM
– IEEE-754 Single-Precision Floating-Point
– 5 Universal Asynchronous
Unit (FPU)
Receiver/Transmitters (UARTs)
– Viterbi, Complex Math, CRC Unit (VCU)
– 4 Synchronous Serial Interfaces (SSIs)/
Serial Peripheral Interface (SPI)
– Serial Communications Interface (SCI)
– 2 Inter-integrated Circuits (I2Cs)
– Serial Peripheral Interface (SPI)
– Universal Serial Bus On-the-Go (USB-OTB) +
– Inter-integrated Circuit (I2C)
PHY
– 6-Channel Direct Memory Access (DMA)
– 10/100 ENET 1588 MII
– 9 Enhanced Pulse Width Modulator (ePWM)
– 2 Controller Area Networks (CANs)
Modules
– 32-Channel Direct Memory Access (μDMA)
18 Outputs (16 High-Resolution)
– Dual Security Zones (128-Bit Password per
– 6 32-Bit Enhanced Capture (eCAP) Modules
Zone)
– 3 32-Bit Enhanced Quadrature Encoder
– External Peripheral Interface (EPI)
(eQEP) Modules
– Micro Cyclic Redundancy Check (µCRC)
– Multi-Channel Buffered Serial Port (McBSP)
Module
– One Security Zone (128-Bit Password)
– 4 General-Purpose Timers
– 3 32-Bit Timers
– 2 Watchdog Timer Modules
• Clocking
• Analog Subsystem
– On-chip Crystal Oscillator/External Clock
– Dual 12-Bit Analog-to-Digital Converters
Input
(ADCs)
– Dynamic PLL Ratio Changes Supported
– Up to 2.88 MSPS
• 1.2-V Digital, 1.8-V Analog, 3.3-V I/O Design
– Up to 20 Channels
– 4 Sample-and-Hold (S/H) Circuits
• Interprocessor Communications (IPC)
– Up to 6 Comparators With 10-Bit
– 32 Handshaking Channels
Digital-to-Analog Converter (DAC)
– 4 Channels Generate IPC Interrupts
– On-chip Temperature Sensor
– Can be Used to Coordinate Transfer of Data
Through IPC Message RAMs
• Up to 74 Individually Programmable,
Multiplexed GPIO Pins
• Package
– 144-Pin RFP PowerPAD™ Thermally
Enhanced Thin Quad Flatpack (HTQFP)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Concerto, TMS320C28x, PowerPAD, C28x, C2000, Piccolo, Delfino are trademarks of Texas Instruments.
3
Cortex is a trademark of ARM Limited.
4
ARM is a registered trademark of ARM Ltd or its subsidiaries.
5
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the formative
Copyright © 2011, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - F28M35H50C1RFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M35H50C1RFPT TI1-F28M35H50C1RFPT Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H50C1RFPT TI1-F28M35H50C1RFPT Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
More results

Similar Description - F28M35H50C1RFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F28M36P63C2 TI1-F28M36P63C2_15 Datasheet
2Mb / 253P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1 TI1-F28M35H20B1_12 Datasheet
1Mb / 192P
[Old version datasheet]   Concerto Microcontrollers
F28M35H20B1_1110 TI1-F28M35H20B1_1110 Datasheet
804Kb / 104P
[Old version datasheet]   Concerto Microcontrollers
OCTOBER2011
F28M36P63B2 TI-F28M36P63B2 Datasheet
1Mb / 202P
[Old version datasheet]   Concerto Microcontrollers
F28M36P63C TI1-F28M36P63C_14 Datasheet
2Mb / 254P
[Old version datasheet]   F28M36x Concerto??Microcontrollers
F28M35E20B TI1-F28M35E20B Datasheet
430Kb / 7P
[Old version datasheet]   C2000??Concerto??Microcontrollers
F28M35H52C TI-F28M35H52C_V01 Datasheet
4Mb / 226P
[Old version datasheet]   F28M35x Concerto??Microcontrollers
logo
STMicroelectronics
PM0075 STMICROELECTRONICS-PM0075 Datasheet
302Kb / 31P
   STM32F10xxx Flash memory microcontrollers
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com