Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2203 Datasheet(PDF) 1 Page - Seme LAB

Part # D2203
Description  METAL GATE RF SILICON FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

D2203 Datasheet(HTML) 1 Page - Seme LAB

  D2203 Datasheet HTML 1Page - Seme LAB D2203 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D2203UK
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 9/95
PD
Power Dissipation
BVDSS
Drain – Source Breakdown Voltage *
BVGSS
Gate – Source Breakdown Voltage *
ID(sat)
Drain Current *
Tstg
Storage Temperature
Tj
Maximum Operating Junction Temperature
35W
40V
±20V
4A
–65 to 150°C
200°C
MECHANICAL DATA
C
A
O
NM
K
J
I
H
G
F
E
D
B
1
54
3
2
GOLD METALLISED
MULTI-PURPOSE SILICON
DMOS RF FET
5W – 12.5V – 1GHz
PUSH–PULL
FEATURES
• SIMPLIFIED AMPLIFIER DESIGN
• SUITABLE FOR BROAD BAND APPLICATIONS
• VERY LOW Crss
• SIMPLE BIAS CIRCUITS
• LOW NOISE
• HIGH GAIN – 10 dB MINIMUM
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
APPLICATIONS
• VHF/UHF COMMUNICATIONS
from DC to 2 GHz
METAL GATE RF SILICON FET
TetraFET
DIM
mm
Tol.
Inches
Tol.
A
16.38
0.26
0.645
0.010
B
1.52
0.13
0.060
0.005
C
45°
45°
D
6.35
0.13
0.250
0.005
E
3.30
0.13
0.130
0.005
F
14.22
0.13
0.560
0.005
G
1.27 x 45°
0.13
0.05 x 45°
0.005
H
1.52
0.13
0.060
0.005
I
6.35
0.13
0.250
0.005
J
0.13
0.02
0.005
0.001
K
2.16
0.13
0.085
0.005
M
1.52
0.13
0.060
0.005
N
5.08
MAX
0.200
MAX
O
18.90
0.13
0.744
0.005
DQ
PIN 1
SOURCE (COMMON)
PIN 3
DRAIN 2
PIN 5
GATE 1
PIN 2
DRAIN 1
PIN 4
GATE 2
* Per Side


Similar Part No. - D2203

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D2200N INFINEON-D2200N Datasheet
245Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2009-06-15 revision:2.0
logo
Seme LAB
D2201 SEME-LAB-D2201 Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
logo
Nihon Kaiheiki Industry...
D22012B NKK-D22012B Datasheet
1Mb / 10P
   General Specifications
D22012H NKK-D22012H Datasheet
1Mb / 10P
   General Specifications
D22012LB NKK-D22012LB Datasheet
1Mb / 10P
   General Specifications
More results

Similar Description - D2203

ManufacturerPart #DatasheetDescription
logo
Seme LAB
D1082UK SEME-LAB-D1082UK Datasheet
20Kb / 2P
   METAL GATE RF SILICON FET
D1211UK SEME-LAB-D1211UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D1212UK SEME-LAB-D1212UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2002UK SEME-LAB-D2002UK Datasheet
15Kb / 2P
   METAL GATE RF SILICON FET
D2003UK SEME-LAB-D2003UK Datasheet
60Kb / 4P
   METAL GATE RF SILICON FET
D2089UK SEME-LAB-D2089UK Datasheet
23Kb / 2P
   METAL GATE RF SILICON FET
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
D2230UK SEME-LAB-D2230UK Datasheet
17Kb / 2P
   METAL GATE RF SILICON FET
D2282UK SEME-LAB-D2282UK Datasheet
18Kb / 2P
   METAL GATE RF SILICON FET
D1004UK SEME-LAB-D1004UK Datasheet
35Kb / 4P
   METAL GATE RF SILICON FET
D1011UK SEME-LAB-D1011UK Datasheet
16Kb / 2P
   METAL GATE RF SILICON FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com