Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA171AIDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA171AIDR
Description  36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171AIDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA171AIDR Datasheet HTML 5Page - Texas Instruments OPA171AIDR Datasheet HTML 6Page - Texas Instruments OPA171AIDR Datasheet HTML 7Page - Texas Instruments OPA171AIDR Datasheet HTML 8Page - Texas Instruments OPA171AIDR Datasheet HTML 9Page - Texas Instruments OPA171AIDR Datasheet HTML 10Page - Texas Instruments OPA171AIDR Datasheet HTML 11Page - Texas Instruments OPA171AIDR Datasheet HTML 12Page - Texas Instruments OPA171AIDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Time(1s/div)
1000
100
10
1
1
10
100
1k
10k
1M
Frequency(Hz)
100k
0.01
0.001
0.0001
0.00001
10
100
1k
10k
20k
Frequency(Hz)
V
=3V
BW=80kHz
OUT
RMS
G=+1,R =10kW
L
G= 1,R =2k
-
W
L
-
80
-
100
-
120
-
140
0.1
0.01
0.001
0.0001
0.00001
0.01
0.1
1
10
20
OutputAmplitude(V
)
RMS
-
80
BW=80kHz
G=+1,R =10kW
L
G= 1,R =2k
-
W
L
-
100
-
120
-
140
0.65
0.6
0.55
0.5
0.45
0.4
0.35
-75
-50
-25
0
25
150
Temperature( C)
°
125
100
75
50
0.6
0.55
0.5
0.45
0.4
0.35
0.3
0.25
0
4
8
12
16
36
SupplyVoltage(V)
32
28
24
20
SpecifiedSupply-VoltageRange
OPA171
OPA2171
OPA4171
www.ti.com
SBOS516C
– SEPTEMBER 2010 – REVISED JUNE 2011
TYPICAL CHARACTERISTICS (continued)
VS = ±18V, VCM = VS/2, RLOAD = 10kΩ connected to VS/2, and CL = 100pF, unless otherwise noted.
INPUT VOLTAGE NOISE SPECTRAL DENSITY vs
0.1Hz TO 10Hz NOISE
FREQUENCY
Figure 13.
Figure 14.
THD+N RATIO vs FREQUENCY
THD+N vs OUTPUT AMPLITUDE
Figure 15.
Figure 16.
QUIESCENT CURRENT vs TEMPERATURE
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 17.
Figure 18.
Copyright
© 2010–2011, Texas Instruments Incorporated
9


Similar Part No. - OPA171AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171AIDR TI1-OPA171AIDR Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171AIDR TI1-OPA171AIDR Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171AIDR TI1-OPA171AIDR Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171AIDRLR TI1-OPA171AIDRLR Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171AIDRLR TI1-OPA171AIDRLR Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
More results

Similar Description - OPA171AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com