Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8163SDSCT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8163SDSCT
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8163SDSCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC8163SDSCT Datasheet HTML 4Page - Texas Instruments DAC8163SDSCT Datasheet HTML 5Page - Texas Instruments DAC8163SDSCT Datasheet HTML 6Page - Texas Instruments DAC8163SDSCT Datasheet HTML 7Page - Texas Instruments DAC8163SDSCT Datasheet HTML 8Page - Texas Instruments DAC8163SDSCT Datasheet HTML 9Page - Texas Instruments DAC8163SDSCT Datasheet HTML 10Page - Texas Instruments DAC8163SDSCT Datasheet HTML 11Page - Texas Instruments DAC8163SDSCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
www.ti.com
TABLES OF GRAPHS
Table 3. Typical Characteristics: Internal Reference Performance
POWER-SUPPLY
MEASUREMENT
FIGURE NUMBER
VOLTAGE
Internal Reference Voltage vs Temperature
Figure 2
Internal Reference Voltage Temperature Drift Histogram
Figure 3
Internal Reference Voltage vs Load Current
5.5 V
Figure 4
Internal Reference Voltage vs Time
Figure 5
Internal Reference Noise Density vs Frequency
Figure 6
Internal Reference Voltage vs Supply Voltage
2.7 V
– 5.5 V
Figure 7
Table 4. Typical Characteristics: DAC Static Performance
POWER-SUPPLY
MEASUREMENT
FIGURE NUMBER
VOLTAGE
FULL-SCALE, GAIN, OFFSET AND ZERO-CODE ERRORS
Full-Scale Error vs Temperature
Figure 16
Gain Error vs Temperature
Figure 17
5.5 V
Offset Error vs Temperature
Figure 18
Zero-Code Error vs Temperature
Figure 19
Full-Scale Error vs Temperature
Figure 63
Gain Error vs Temperature
Figure 64
2.7 V
Offset Error vs Temperature
Figure 65
Zero-Code Error vs Temperature
Figure 66
LOAD REGULATION
5.5 V
Figure 30
DAC Output Voltage vs Load Current
2.7 V
Figure 74
DIFFERENTIAL NONLINEARITY ERROR
T =
–40°C
Figure 9
Differential Linearity Error vs Digital Input Code
T = 25
°C
Figure 11
5.5 V
T = 125
°C
Figure 13
Differential Linearity Error vs Temperature
Figure 15
T =
–40°C
Figure 56
Differential Linearity Error vs Digital Input Code
T = 25
°C
Figure 58
2.7 V
T = 125
°C
Figure 60
Differential Linearity Error vs Temperature
Figure 62
INTEGRAL NONLINEARITY ERROR (RELATIVE ACCURACY)
T =
–40°C
Figure 8
Linearity Error vs Digital Input Code
T = 25
°C
Figure 10
5.5 V
T = 125
°C
Figure 12
Linearity Error vs Temperature
Figure 14
T =
–40°C
Figure 55
Linearity Error vs Digital Input Code
T = 25
°C
Figure 57
2.7 V
T = 125
°C
Figure 59
Linearity Error vs Temperature
Figure 61
8
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563


Similar Part No. - DAC8163SDSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8163SDSCT TI1-DAC8163SDSCT Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC8163SDSCT TI1-DAC8163SDSCT Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
More results

Similar Description - DAC8163SDSCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com