Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2835IDGSR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2835IDGSR
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2835IDGSR Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA2835IDGSR Datasheet HTML 7Page - Texas Instruments OPA2835IDGSR Datasheet HTML 8Page - Texas Instruments OPA2835IDGSR Datasheet HTML 9Page - Texas Instruments OPA2835IDGSR Datasheet HTML 10Page - Texas Instruments OPA2835IDGSR Datasheet HTML 11Page - Texas Instruments OPA2835IDGSR Datasheet HTML 12Page - Texas Instruments OPA2835IDGSR Datasheet HTML 13Page - Texas Instruments OPA2835IDGSR Datasheet HTML 14Page - Texas Instruments OPA2835IDGSR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
OPA835, OPA2835
www.ti.com
SLOS713B
– JANUARY 2011 – REVISED MAY 2011
PIN FUNCTIONS (continued)
PIN
DESCRIPTION
NUMBER
NAME
8
VIN2–
Amplifier 2 inverting input
9
VOUT2
Amplifier 2 output
10
VS+
Positive power supply input
SPACER
TYPICAL PERFORMANCE GRAPHS: VS = 2.7 V
Test conditions unless otherwise noted: VS+ = +2.7V, VS– = 0V, VOUT = 1Vpp, RF = 0Ω, RL = 2kΩ, G = 1V/V, Input and Output
Referenced to mid-supply unless otherwise noted. TA = 25°C.
Table of Graphs
FIGURES
Small Signal Frequency Response
Figure 1
Large Signal Frequency Response
Figure 2
Noninverting Pulse Response
Figure 3
Inverting Pulse Response
Figure 4
Slew rate
vs Output Voltage Step
Figure 5
Output Overdrive Recovery
Figure 6
Harmonic Distortion
vs Frequency
Figure 7
Harmonic Distortion
vs Load Resistance
Figure 8
Harmonic Distortion
vs Output Voltage
Figure 9
Harmonic Distortion
vs Gain
Figure 10
Output Voltage Swing
vs Load Resistance
Figure 11
Output Saturation Voltage
vs Load Current
Figure 12
Output Impedance
vs Frequency
Figure 13
Frequency Response with Capacitive Load
Figure 14
Series Output Resistor
vs Capacitive Load
Figure 15
Input Referred Noise
vs Frequency
Figure 16
Open Loop Gain
vs Frequency
Figure 17
Common Mode/Power Supply Rejection Ratios
vs Frequency
Figure 18
Power Down Response
Figure 19
Input Offset Voltage
Figure 20
Input Offset Voltage
vs Free-Air Temperature
Figure 21
Input Offset Voltage Drift
Figure 22
Input Offset Current
Figure 23
Input Offset Current
vs Free-Air Temperature
Figure 24
Input Offset Current Drift
Figure 25
Copyright
© 2011, Texas Instruments Incorporated
11


Similar Part No. - OPA2835IDGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2835IDGSR TI1-OPA2835IDGSR Datasheet
1Mb / 49P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA2835IDGSR TI1-OPA2835IDGSR Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
National Semiconductor ...
OPA2835IDGSR NSC-OPA2835IDGSR Datasheet
2Mb / 53P
   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA2835IDGSR TI1-OPA2835IDGSR Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
More results

Similar Description - OPA2835IDGSR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2835 NSC-OPA2835 Datasheet
2Mb / 53P
   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA835_1110 TI1-OPA835_1110 Datasheet
1Mb / 49P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA2835-DIE TI1-OPA2835-DIE Datasheet
107Kb / 5P
[Old version datasheet]   ULTRA LOW-POWER, RAIL-TO-RAIL OUT, NEGATIVE RAIL IN, VFB OP AMP
OPA835 TI1-OPA835_12 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA836 TI1-OPA836 Datasheet
1Mb / 49P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI-OPA835_15 Datasheet
1Mb / 57P
[Old version datasheet]   OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
TLV197-Q1 TI1-TLV197-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLVx197-Q1 Automotive, High-Voltage, Precision, Rail-to-Rail In, Rail-to-Rail Out Op Amp
OPA2836-Q1 TI1-OPA2836-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   Very-Low Power, Rail-to-Rail Out, Negative-Rail In, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com