Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7562 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7562
Description  DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7562 Datasheet(HTML) 1 Page - Texas Instruments

  DAC7562 Datasheet HTML 1Page - Texas Instruments DAC7562 Datasheet HTML 2Page - Texas Instruments DAC7562 Datasheet HTML 3Page - Texas Instruments DAC7562 Datasheet HTML 4Page - Texas Instruments DAC7562 Datasheet HTML 5Page - Texas Instruments DAC7562 Datasheet HTML 6Page - Texas Instruments DAC7562 Datasheet HTML 7Page - Texas Instruments DAC7562 Datasheet HTML 8Page - Texas Instruments DAC7562 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
DAC756x
DAC816x
DAC856x
(12-Bit)
(14-Bit)
(16-Bit)
Data Buffer A
DAC Register A
Buffer Control
Register Control
Control Logic
Power-
Down
Control
Logic
AV
DD
V
REFIN
REFOUT
/
V
CLR
LDAC
2.5-V
Reference
Data Buffer B
DAC Register B
V
B
OUT
V
A
OUT
GND
DAC
DAC
Input Control Logic
SYNC
SCLK
D
IN
DAC8562, DAC8563
DAC8162, DAC8163
DAC7562, DAC7563
www.ti.com
SLAS719C
– AUGUST 2010 – REVISED JUNE 2011
DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
DAC WITH 2.5-V, 4-PPM/
°C INTERNAL REFERENCE IN SMALL 3-MM × 3-MM QFN
Check for Samples: DAC8562, DAC8563, DAC8162, DAC8163, DAC7562, DAC7563
1
FEATURES
DESCRIPTION
The
DAC856x,
DAC816x,
and
DAC756x
are
23
Relative Accuracy:
low-power, voltage-output, dual-channel, 16-, 14-,
– DAC856x (16-Bit): 4 LSB INL
and
12-bit
digital-to-analog
converters
(DACs),
– DAC816x (14-Bit): 1 LSB INL
respectively.
These
devices
include
a
2.5-V,
– DAC756x (12-Bit): 0.3 LSB INL
4-ppm/
°C internal reference, giving a full-scale output
voltage range of 2.5 V or 5 V. The internal reference
Glitch Energy: 0.1 nV-s
has an initial accuracy of
±5 mV and can source or
Bidirectional Reference: Input or 2.5-V Output
sink up to 20 mA at the VREFIN/VREFOUT pin.
– Output Disabled by Default
These devices are monotonic, providing excellent
– ±5-mV Initial Accuracy (Max)
linearity
and
minimizing
undesired
code-to-code
– 4-ppm/°C Temperature Drift (Typ)
transient voltages (glitch). They use a versatile
– 10-ppm/°C Temperature Drift (Max)
three-wire serial interface that operates at clock rates
– 20-mA Sink/Source Capability
up to 50 MHz. The interface is compatible with
standard SPI
™, QSPI™, Microwire™, and digital
Power-On Reset to Zero Scale or Mid-Scale
signal processor (DSP) interfaces. The DACxx62
Low-Power: 4 mW (Typ, 5-V AVDD, Including
devices incorporate a power-on-reset circuit that
Internal Reference Current)
ensures the DAC output powers up at zero scale until
Wide Power-Supply Range: 2.7 V to 5.5 V
a valid code is written to the device, whereas the
50-MHz SPI With Schmitt-Triggered Inputs
DACxx63s similarly power up at mid-scale. These
LDAC and CLR Functions
devices contain a power-down feature that reduces
current consumption to typically 10 nA at 5 V. The
Output Buffer With Rail-to-Rail Operation
low power consumption, internal reference, and small
Packages: QFN-10 (3x3 mm), MSOP-10
footprint make these devices ideal for portable,
Temperature Range:
–40°C to 125°C
battery-operated equipment.
The
DACxx62
devices
are
drop-in
and
APPLICATIONS
function-compatible with each other, as are the
Portable Instrumentation
DACxx63s. The entire family is available in MSOP-10
Bipolar Outputs (reference design)
and QFN-10 packages.
PLC Analog Output Module (reference design)
Table 1. RELATED DEVICES
Closed-Loop Servo Control
16-BIT
14-BIT
12-BIT
Voltage Controlled Oscillator Tuning
Reset to zero
DAC8562
DAC8162
DAC7562
Data Acquisition Systems
Reset to mid-scale
DAC8563
DAC8163
DAC7563
Programmable Gain and Offset Adjustment
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc.
3
Microwire is a trademark of National Semiconductor.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC7562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7562 TI-DAC7562 Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC7562-Q1 TI1-DAC7562-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   Low-Power, Buffered, Voltage-Output DACs
DAC7562SDGSR TI1-DAC7562SDGSR Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
DAC7562SDGSR TI1-DAC7562SDGSR Datasheet
1Mb / 60P
[Old version datasheet]   Internal Reference
DAC7562SDGST TI1-DAC7562SDGST Datasheet
1Mb / 58P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT DAC WITH 2.5-V, 4-PPM/째C INTERNAL REFERENCE IN SMALL 3-MM 횞 3-MM SON
More results

Similar Description - DAC7562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC8551-Q1 TI1-DAC8551-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com