Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2570 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC2570
Description  1- and 8-Channel ANT??RF Network Processors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2570 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2570_11 Datasheet HTML 7Page - Texas Instruments CC2570_11 Datasheet HTML 8Page - Texas Instruments CC2570_11 Datasheet HTML 9Page - Texas Instruments CC2570_11 Datasheet HTML 10Page - Texas Instruments CC2570_11 Datasheet HTML 11Page - Texas Instruments CC2570_11 Datasheet HTML 12Page - Texas Instruments CC2570_11 Datasheet HTML 13Page - Texas Instruments CC2570_11 Datasheet HTML 14Page - Texas Instruments CC2570_11 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
GND
GND
GND
AVDD4
GND
BR3/FAST SPI
AVDD1
R_BIAS
DVDD2
AVDD5
XOSC_Q1
CC2570/CC2571
RHA Package
(TopView)
BR2/SCLK
TxD/SOUT
BR1/SFLOW
RxD/SIN
RF_N
RF_P
AVDD3
XOSC_Q2
GND
(GroundPad)
30
1
29
2
28
3
27
4
26
5
25
6
24
22
7
9
23
21
8
10
18
20
33
31
17
19
34
32
16
35
15
36
14
37
13
38
12
39
11
40
AVDD2
P0076-11
CC2570
CC2571
www.ti.com
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
DEVICE INFORMATION
PIN ASSIGNMENT
NOTE: The exposed ground pad must be connected to a solid ground plane, as this is the ground connection for the
device.
PIN FUNCTIONS
PIN
DIRECTION
DESCRIPTION
NAME
NO.
AVDD1
28
AVDD2
27
AVDD3
24
AVDD4
29
AVDD5
21
AVDD6
31
Serial communication pin.
BR1/SFLOW
8
IN/IN
Synchronous: SFLOW (bit- or byte-mode selection
– see Table 1)
Asynchronous: Baud-rate configuration pin (see Table 2)
Serial communication pin
BR2/SCLK
7
IN/OUT
Synchronous: SCLK (SPI master clock out)
Asynchronous: Baud-rate configuration pin (see Table 2)
Serial baud rate selection
Synchronous: FAST SPI (selects fast SPI clock)
BR3/FAST SPI
9
IN
Asynchronous: BR3 (baud-rate configuration pin for asynchronous serial communication
(see Table 2).
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CC2570 CC2571


Similar Part No. - CC2570_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2570 TI-CC2570 Datasheet
766Kb / 32P
[Old version datasheet]   1- and 8-Channel ANT??RF Network Processors
More results

Similar Description - CC2570_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2570 TI-CC2570 Datasheet
766Kb / 32P
[Old version datasheet]   1- and 8-Channel ANT??RF Network Processors
logo
Intel Corporation
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
   Product Line of Network Processors
logo
Nexperia B.V. All right...
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
   Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
List of Unclassifed Man...
NRF24AP2 ETC1-NRF24AP2 Datasheet
698Kb / 44P
   Single-chip ANT ultra-low power wireless network solution
logo
Advantech Co., Ltd.
FWA-3034 ADVANTECH-FWA-3034 Datasheet
955Kb / 3P
   1U Network Appliance with 12th Gen Intel® Core Processors for Network Security and Management
31-Jan-2023
logo
Intel Corporation
NHIXP435AD INTEL-NHIXP435AD Datasheet
252Kb / 24P
   Intel IXP43X Product Line of Network Processors
logo
PHOENIX CONTACT
2867610 PHOENIX-2867610 Datasheet
76Kb / 3P
   RAD-ISM-2400-ANT-PAN- 8-0
logo
Zarlink Semiconductor I...
ZL50110 ZARLINK-ZL50110_06 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
logo
Intel Corporation
252479-007US INTEL-252479-007US Datasheet
2Mb / 128P
   Intel IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
logo
Zarlink Semiconductor I...
ZL50119 ZARLINK-ZL50119 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com